전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5467U 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CDB5467U
상세설명  CDB5467U Engineering Board and GUI Software
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5467U 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CDB5467U Datasheet HTML 3Page - Cirrus Logic CDB5467U Datasheet HTML 4Page - Cirrus Logic CDB5467U Datasheet HTML 5Page - Cirrus Logic CDB5467U Datasheet HTML 6Page - Cirrus Logic CDB5467U Datasheet HTML 7Page - Cirrus Logic CDB5467U Datasheet HTML 8Page - Cirrus Logic CDB5467U Datasheet HTML 9Page - Cirrus Logic CDB5467U Datasheet HTML 10Page - Cirrus Logic CDB5467U Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CDB5467U
DS714DB1
7
1.6
Auto-boot Mode
With a jumper connection on J18 (AUTO-BOOT ENABLE), the CS5467 operates in auto-boot mode and
the CDB5467U board operates as a stand-alone system without attaching it up to a PC. When in auto-
boot mode, a hardware reset (press on S1) will cause the CS5467 to boot up using the serial data from
the serial EEPROM on the board (U10). When the CS5467 is in auto-boot mode, the SPI connections
between the microcontroller and the CS5467 are removed and the GUI software can not access the
CS5467 registers and functions.
The EEPROM must be programmed prior to the auto-boot sequence. When the CDB5467U Evaluation
Board is sent from the factory, the EEPROM is programmed with the following CS5467 command/data
sequence:
1.
Move to EEPROM page 1:
0x7E 0x00 0x00 0x01
2. Write Modes register, turn high-pass filters on:
0x60 0x00 0x01 0xE0
3.
Move to EEPROM page 0:
0x7E 0x00 0x00 0x00
4. Set bit 2 (LSD) in the Mask register:
0x74 0x00 0x00 0x04
5. Start continuous conversion:
0xE8
6. Write STOP bit in Control register, to terminate auto-boot sequence:
0x78 0x00 0x01 0x00
This sequence programs the CS5467 for continuous conversion mode. If voltage and current signals are
applied to the inputs, the CS5467 will issue pulses on the E1 pin. See the CS5467 data sheet for more
details on auto-boot.


유사한 부품 번호 - CDB5467U

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460AU CIRRUS-CDB5460AU Datasheet
1Mb / 38P
   Voltage and Current Interface
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5461AU CIRRUS-CDB5461AU Datasheet
1Mb / 36P
   Voltage and Current Interface
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
More results

유사한 설명 - CDB5467U

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5484U CIRRUS-CDB5484U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
CDB5490U CIRRUS-CDB5490U Datasheet
4Mb / 46P
   CDB5490U Engineering Board and GUI Software
CDB5464U CIRRUS-CDB5464U Datasheet
1Mb / 38P
   CDB5464U Engineering Borad and GUI Software
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com