전자부품 데이터시트 검색엔진 |
|
SMF12CA 데이터시트(PDF) 2 Page - Micro Commercial Components |
|
SMF12CA 데이터시트(HTML) 2 Page - Micro Commercial Components |
2 / 5 page www.mccsemi.com ELECTRICAL CHARACTERISTICS @25 C MCC PART NUMBER TEST CURRENT IT RATED STANDOFF VOLTAGE VWM MAXIMUM REVERSE LEAKAGE ID @VWM MAXIMUM CLAMPING VOLTAGE VC @ IPP MAXIMUM PEAK PULSE CURRENT IPP MIN MAX mADC V ( A) V A SMF6.0A 5.0 6.4 7.0 10 400 9.2 21.7 5.0A 6.0 6.67 7.37 10 400 10.3 19.4 6.0A 6.5 7.22 7.98 10 250 11.2 17.9 6.5A 7.0 7.78 8.6 10 100 12 16.7 7.0A 7.5 8.33 9.21 1.0 50 12.9 15.5 7.5A 8.0 8.89 9.83 1.0 25 13.6 14.7 8.0A 8.5 9.44 10.4 1.0 10 14.4 13.9 8.5A 9.0 10 11.1 1.0 5.0 15.4 13 9.0A 10 11.1 12.3 1.0 2.5 17 11.8 10A 11 12.2 13.5 1.0 2.5 18.2 11 11A 12 13.3 14.7 1.0 2.5 19.9 10.1 12A 13 14.4 15.9 1.0 1.0 21.5 9.3 13A 14 15.6 17.2 1.0 1.0 23.2 8.6 14A 15 16.7 18.5 1.0 1.0 24.4 8.2 15A 16 17.8 19.7 1.0 1.0 26 7.7 16A 17 18.9 20.9 1.0 1.0 27.6 7.2 17A 18 20 22.1 1.0 1.0 29.2 6.8 18A Breakdown Voltage VBR @ IT (Volt) Marking Code 20 22.2 24.5 1.0 1.0 32.4 6.2 20A 22 24.4 26.9 1.0 1.0 35.5 5.6 22A 24 26.7 29.5 1.0 1.0 38.9 5.1 24A 26 28.9 31.9 1.0 1.0 42.1 4.8 26A 28 31.1 34.4 1.0 1.0 45.4 4.4 28A 30 33.3 36.8 1.0 1.0 48.4 4.1 30A 33 36.7 40.6 1.0 1.0 53.3 3.8 33A 36 40 44.2 1.0 1.0 58.1 3.4 36A 40 44.4 49.1 1.0 1.0 64.5 3.1 40A 43 47.8 52.8 1.0 1.0 69.4 2.9 43A 45 50 55.3 1.0 1.0 72.7 2.8 45A 48 53.3 58.9 1.0 1.0 77.4 2.6 48A 51 56.7 62.7 1.0 1.0 82.4 2.4 51A 54 60 66.3 1.0 1.0 87.1 2.3 54A 58 64.4 71.2 1.0 1.0 93.6 2.1 58A 60 66.7 73.7 1.0 1.0 96.8 1.8 60A 64 71.1 78.6 1.0 1.0 103 1.7 64A 70 77.8 86 1.0 1.0 113 1.5 70A 75 83.3 92.1 1.0 1.0 121 1.4 75A 78 86.7 95.8 1.0 1.0 126 1.4 78A 85 94.4 104 1.0 1.0 137 1.3 85A 90 100 111 1.0 1.0 146 1.2 90A 100 111 123 1.0 1.0 162 1.1 100 110 122 135 1.0 1.0 177 1.0 110 120 133 147 1.0 1.0 193 0.9 120 130 144 159 1.0 1.0 209 0.8 130 150 167 185 1.0 1.0 243 0.7 150 160 178 197 1.0 1.0 259 0.7 160 170 189 209 1.0 1.0 275 0.6 170 MCC TM Micro Commercial Components SMF5.0A SMF7.5A SMF8.0A SMF7.0A SMF6.5A SMF8.5A SMF9.0A SMF10A SMF15A SMF13A SMF16A SMF14A SMF17A SMF18A SMF12A SMF11A SMF30A SMF26A SMF36A SMF43A SMF24A SMF22A SMF28A SMF20A SMF40A SMF33A SMF45A SMF64A SMF51A SMF48A SMF54A SMF60A SMF58A SMF75A SMF70A SMF78A SMF85A SMF90A SMF100A SMF110A SMF120A SMF130A SMF150A SMF160A SMF170A Uni-Polar SMF5.0A THRU SMF170A 2 of 5 Revision:3 2010/07/02 |
유사한 부품 번호 - SMF12CA |
|
유사한 설명 - SMF12CA |