전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMF130CA-TP 데이터시트(PDF) 4 Page - Micro Commercial Components

부품명 SMF130CA-TP
상세설명  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF130CA-TP 데이터시트(HTML) 4 Page - Micro Commercial Components

  SMF130CA-TP Datasheet HTML 1Page - Micro Commercial Components SMF130CA-TP Datasheet HTML 2Page - Micro Commercial Components SMF130CA-TP Datasheet HTML 3Page - Micro Commercial Components SMF130CA-TP Datasheet HTML 4Page - Micro Commercial Components SMF130CA-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micro Commercial Components
MCC
TM
Revision: 3
2010/07/02
www.mccsemi.com
4 of 5
SMF5.0CA THRU SMF170CA
Electrical Characteristics
Fig. 1 - Peak Pulse Power Rating
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
0.1
1
10
0.1 µs 1.0 µs
10 µs
td - Pulse Width (s)
100 µs 1.0 ms 10 ms
Non-repetitive pulse
waveform shown in fig. 3
T A = 25 °C
0
25
50
75
100
0
75
25
50
100 125 150 175 200
TA - Ambient Temperature
0
50
100
150
TJ = 25 °C
pulse width (td) is
defined as the point
where the peak current
decays to 50 % of IPPM
Peak value
IPPM
Half value
IPPM
td
10/100 s waveform
as defined by R.E.A.
0
1
2
3
4
t - Time (ms)
tr=10 µs
I
PPM
2


유사한 부품 번호 - SMF130CA-TP

제조업체부품명데이터시트상세설명
logo
SAMYANG ELECTRONICS CO....
SMF130CA SAMYANG-SMF130CA Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF130CA MCC-SMF130CA Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Shenzhen Luguang Electr...
SMF130CA LUGUANG-SMF130CA Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Microdiode Electronics ...
SMF130CA CHENDA-SMF130CA Datasheet
1,012Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SMF130CA DAESAN-SMF130CA Datasheet
332Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SMF130CA-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com