전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SCR514R 데이터시트(PDF) 5 Page - Rohm

부품명 2SCR514R
상세설명  Midium Power Transistors (80V / 0.7A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SCR514R 데이터시트(HTML) 5 Page - Rohm

  2SCR514R Datasheet HTML 1Page - Rohm 2SCR514R Datasheet HTML 2Page - Rohm 2SCR514R Datasheet HTML 3Page - Rohm 2SCR514R Datasheet HTML 4Page - Rohm 2SCR514R Datasheet HTML 5Page - Rohm 2SCR514R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SCR514R
 
Switching time test circuit
VIN
Pw
Pw 50μs
DUTY CYCLE≦1%
tstg
IB1
IB2
90%
10%
ton
tf
IC
ベース電流波形
コレクタ電流波形
RL=27Ω
IB1
IB2
IC
VCC 10V
~
_
~_
BASE CURENT
WAVEFORM
COLLECTOR
CURRENT
WAVEFORM
3/5
2010.06 - Rev.A


유사한 부품 번호 - 2SCR514R

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
   NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
More results

유사한 설명 - 2SCR514R

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SAR514P ROHM-2SAR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-80V / -0.7A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
   Midium Power Transistors (80V / 1.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (80V / 700mA)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
   Midium Power Transistors (80V / 2.5A)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com