전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3813KS 데이터시트(PDF) 1 Page - Rohm

부품명 BD3813KS
상세설명  5.1ch Sound Processors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3813KS 데이터시트(HTML) 1 Page - Rohm

  BD3813KS_1 Datasheet HTML 1Page - Rohm BD3813KS_1 Datasheet HTML 2Page - Rohm BD3813KS_1 Datasheet HTML 3Page - Rohm BD3813KS_1 Datasheet HTML 4Page - Rohm BD3813KS_1 Datasheet HTML 5Page - Rohm BD3813KS_1 Datasheet HTML 6Page - Rohm BD3813KS_1 Datasheet HTML 7Page - Rohm BD3813KS_1 Datasheet HTML 8Page - Rohm BD3813KS_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for Home Theater Systems
5.1ch
Sound Processors
BD3813KS,BD3815KS
Description
The BD3813KS and BD3815KS sound processors integrate a gain amp and volume/bass/treble controls on a single chip,
making them optimally suited for use in audio applications, such as AV receivers, home theater systems and mini-component
systems.
Used in combination with the BD3812F, a 2ch volume IC, the units enable 6.1ch and 7.1ch operation.
In addition, utilization of a BiCMOS process ensures a wide dynamic range (129dB).
Features
1) Wide dynamic range: 129dB (Tone Bypass, VOL=MUTE, IHF-A)
2) Independent 6 channels for Master Volume (0 to -95 dB, MUTE 1dB/Step)
Implementation of a resistance ladder type circuit reduces residual noise and shock sounds during switching.
3) Low current consumption achieved through utilization of BiCMOS processes
4) Maximum output voltage: 4.2Vrms (Vcc=7V, VEE=-7V, RL=10kΩ)
5) Built-in 5ch independent input gain amplifier - useful for amplifying input signals
6) Built-in 2ch output port
7) 2-wire serial control (for both 3.3V and 5V)
Applications
AV receivers, home theater systems and mini-component systems
Line up matrix
Parameter
BD3813KS
BD3815KS
Mode Selector
Yes
Yes
Input Gain
0
 6 12dB
0
 6 18dB
Volume
0 to -95dB 1dB/Step
0 to -95dB 1dB/Step
Bass, Treble
14dB 2dB/Step
14dB 2dB/Step
Number of Ports
2
2
Package
SQFP56
SQFP56
No.10081EAT04


유사한 부품 번호 - BD3813KS_1

제조업체부품명데이터시트상세설명
logo
Rohm
BD3813KS ROHM-BD3813KS Datasheet
109Kb / 3P
   6-channel volume IC for 6.1-channel
More results

유사한 설명 - BD3813KS_1

제조업체부품명데이터시트상세설명
logo
Rohm
BD3811K1 ROHM-BD3811K1_1 Datasheet
536Kb / 18P
   5.1ch Sound Processor
BD3474KS2 ROHM-BD3474KS2 Datasheet
3Mb / 25P
   5.1ch Sound Processors with Built-in Mode and Input Selectors
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Micronas
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
   Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
logo
STMicroelectronics
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
   SATELLITE SOUND AND VIDEO PROCESSORS
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18