전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28227 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL28227
상세설명  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL28227 Datasheet HTML 1Page - Intersil Corporation ISL28227 Datasheet HTML 2Page - Intersil Corporation ISL28227 Datasheet HTML 3Page - Intersil Corporation ISL28227 Datasheet HTML 4Page - Intersil Corporation ISL28227 Datasheet HTML 5Page - Intersil Corporation ISL28227 Datasheet HTML 6Page - Intersil Corporation ISL28227 Datasheet HTML 7Page - Intersil Corporation ISL28227 Datasheet HTML 8Page - Intersil Corporation ISL28227 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL28127, ISL28227
4
FN6633.3
March 18, 2010
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . .0.5V
Min/Max Input Voltage . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input Current for
Input Voltage >V+ or <V- . . . . . . . . . . . . . . . . . .±20mA
Output Short-Circuit Duration
(1 Output at a Time) . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Tolerance
Human Body Model (Tested per JESD22-A114F)
ISL28127. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0kV
ISL28227. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0kV
Machine Model (Tested per EIA/JESD22-A115-A). . . . 500V
Charged Device Model (Tested per JESD22-C101D) . . 1.5kV
Di-electrically Isolated PR40 process. . . . . . . . Latch-up free
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC (Note 5, 7)
ISL28127 . . . . . . . . . . . . . . . . .
120
60
ISL28227 . . . . . . . . . . . . . . . . .
110
55
8 Ld TDFN (Notes 5, 6)
ISL28127 . . . . . . . . . . . . . . . . .
48
7
ISL28227 . . . . . . . . . . . . . . . . .
47
6
8 Ld MSOP (Note 5, 7)
ISL28127 . . . . . . . . . . . . . . . . .
155
50
ISL28227 . . . . . . . . . . . . . . . . .
150
45
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For θJC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage; SOIC Package
ISL28127
-70
10
70
µV
-120
-
120
µV
ISL28227
-75
10
75
µV
-150
-
150
µV
Offset Voltage;
MSOP, TDFN Grade C Package
ISL28127
ISL28227
-150
10
150
µV
-250
-
250
µV
TCVOS
Offset Voltage Drift;
SOIC Pacakge
ISL28127
-0.5
0.1
0.5
µV/
°C
ISL28227
-0.75
0.1
0.75
µV/
°C
Offset Voltage Drift;
MSOP, TDFN, Grade C
ISL28127
ISL28227
-1
0.1
1
µV/
°C
IOS
Input Offset Current
-10
1
10
nA
-12
-
12
nA
IB
Input Bias Current
-10
1
10
nA
-12
-
12
nA
VCM
Input Voltage Range
Guaranteed by CMRR
-13
-
13
V
-12
-
12
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
115
120
-
dB
VCM = -12V to +12V
115
-
-
dB


유사한 부품 번호 - ISL28227

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227 INTERSIL-ISL28227 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28227 INTERSIL-ISL28227 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28227 RENESAS-ISL28227 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

유사한 설명 - ISL28227

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com