전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RP1E050RP 데이터시트(PDF) 4 Page - Rohm

부품명 RP1E050RP
부품 상세설명  4V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RP1E050RP 데이터시트(HTML) 4 Page - Rohm

  RP1E050RP Datasheet HTML 1Page - Rohm RP1E050RP Datasheet HTML 2Page - Rohm RP1E050RP Datasheet HTML 3Page - Rohm RP1E050RP Datasheet HTML 4Page - Rohm RP1E050RP Datasheet HTML 5Page - Rohm RP1E050RP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RP1E050RP
 
0
50
100
150
200
0
5
10
15
Ta=25°C
Pulsed
ID= -5.0A
ID= -2.5A
0
2
4
6
8
10
0
5
10
15
20
Ta=25°C
VDD= -15V
ID= -5.0A
RG=10Ω
Pulsed
10
100
1000
10000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
0.01
0.1
1
10
100
1000
0.1
1
10
100
PW = 10ms
Ta = 25°C
Single Pulse
MOUNTED ON CERAMIC BOARD
DC operation
Operation in this area is limited by RDS(on)
(VGS=-10V)
PW=100us
PW=1ms
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
Ta = 25°C
Single Pulse : 1Unit
Rth(ch-a)(t) = r(t)×Rth(ch-a)
Rth(ch-a) = 62.5 °C/W
<Mounted on a CERAMIC board>
1
10
100
1000
0.01
0.1
1
10
tf
td(on)
td(off)
Ta=25°C
VDD= -15V
VGS= -10V
RG=10Ω
Pulsed
tr
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.12 Dynamic Input Characteristics
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
Fig.11 Switching Characteristics
Fig.14 Maximum Safe Operating Area
Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
PULSE WIDTH : Pw(s)
4/5
2010.04 - Rev.A


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn