전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1571KN 데이터시트(PDF) 1 Page - Rohm

부품명 BU1571KN
상세설명  Image Correction IC for Camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1571KN 데이터시트(HTML) 1 Page - Rohm

  BU1571KN_10 Datasheet HTML 1Page - Rohm BU1571KN_10 Datasheet HTML 2Page - Rohm BU1571KN_10 Datasheet HTML 3Page - Rohm BU1571KN_10 Datasheet HTML 4Page - Rohm BU1571KN_10 Datasheet HTML 5Page - Rohm BU1571KN_10 Datasheet HTML 6Page - Rohm BU1571KN_10 Datasheet HTML 7Page - Rohm BU1571KN_10 Datasheet HTML 8Page - Rohm BU1571KN_10 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2010.06 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Image Correction ICs
Image Correction IC
for Camera
BU1571KN
Description
BU1571KN is AIE : Adaptive Image Enhancer (image processing technology by ROHM’s hardware).
Provides unprecedented visibility under severe conditions, such as darkness or extreme backlighting.
Features
1) UXGA size (1600
1200) for input of image data up to 7.5 fps, SXGA size (12801024) for input of image data up to
15 fps and VGA size (640
480) for input of image data up to 30 fps.
2) Input data format for YUV=4:2:2 8bit. Order of components may be adjusted by the register.
3) Operation modes are image enhance mode, through mode, and sleep mode.
4) Strength of image correction can be set to linear.
5) Register can be set up with a 2-line serial interface.
*Extra document is prepared separately about each register setup. Please refer to the Development Scheme on page 6.
Application
Security camera, Intercom with camera, Drive recorder, and Web camera etc.
Lineup matrix
Parameter
Supply power source
voltage
Camera
Interface
Control
Interface
Output
Interface
Interrupt
output
Package
BU1571KN
1.45-1.55(VDDCore)
2.7-3.6(VDDIo)
Supported up to
Max 2M pixels.
(1600×1200)
I
2C BUS
8bit
YUV=4:2:2
Camera interface
-
VQFN36
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply power source voltage 1
VDDIO
-0.3 ~ +4.2
V
Supply power source voltage 2
VDD
-0.3 ~ +2.1
V
Input voltage
VIN
-0.3 ~ VDDIO+0.3
V
Storage temperature range
Tstg
-40 ~ +125
Power dissipation
PD
450
mW
*In the case exceeding 25℃, 4.5mW should be reduced
at the rating 1℃.
Recommended operating range
Parameter
Symbol
Ratings
Unit
Supply power source voltage 1(IO)
VDDIO
2.70 ~ 3.60(Typ:3.3V)
V
Supply power source voltage 2(CORE)
VDD
1.45 ~ 1.55(Typ:1.50V)
V
Input voltage range
VIN-VDDIO
0 ~ VDDIO
V
Operating temperature range
Topr
-40 ~ +85
*Please supply power source in order of VDD→VDDIO.
No.10060ECT01


유사한 부품 번호 - BU1571KN_10

제조업체부품명데이터시트상세설명
logo
Rohm
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

유사한 설명 - BU1571KN_10

제조업체부품명데이터시트상세설명
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
logo
Panasonic Semiconductor
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
   IC for landing correction
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Panasonic Semiconductor
AN5395FBP PANASONIC-AN5395FBP Datasheet
204Kb / 20P
   Contour correction IC for HDTV
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
Samsung semiconductor
KS7332 SAMSUNG-KS7332 Datasheet
207Kb / 26P
   KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction, applicable to CCD-using video camera syst
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Toshiba Semiconductor
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com