전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-U77-CX61M-X081 데이터시트(PDF) 6 Page - Amphenol Corporation

부품명 P-U77-CX61M-X081
상세설명  1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-CX61M-X081 데이터시트(HTML) 6 Page - Amphenol Corporation

Back Button P-U77-CX61M-X081 Datasheet HTML 2Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 3Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 4Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 5Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 6Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 7Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 8Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 9Page - Amphenol Corporation P-U77-CX61M-X081 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0.00
10.00
32.50
20.00
22.80
27.50
37.10
5.00
15.00
25.00
30.90
35.00
4.50
17.10 (TYP.)
41.90
(SEE NOTE 1)
BSC
DETAIL C
SCALE 4 : 1
2.00±0.10
(TYP.)
2.00±0.10
(TYP.)
( 1.05)
SCALE 4 : 1
DETAIL D
PATTERN REPEATS FOR EACH PORT.
SPACING BETWEEN PORTS IS 14.25mm.
APPLIES TO ALL GANGED LAYOUTS
2.00±0.10
TYP.
12.05±0.10
(TYP.)
THIS AREA DENOTES
COMPONETS KEEP-OUT
(TRACES ALLOWED)
CROSS-HATCHED AREA
DENOTES COMPONENT AND
TRACE KEEP-OUT
(EXCEPT CHASSIS GROUND)
0.1 S
X Z S
0.1 S
X Y
-z-
0.1 M X Z S
B
C
D
X
Y
0.95(12 PLCS)
1.05±0.00
1.05±0.05(12 PLCS)
SCALE 4 : 1
PIN1
10
11
20
DETAIL B
S
Z
0.06 L W V
L
W
-W-
S
Z
X
L
0.05
-V-
0.05
0.06 L W V
3.60
(TYP.)
(9.60)
(TYP.)
9.60
2.00±0.03 (20 PLCS)
0.80 (TYP.)
1.00
1.40
4.10
1.55±0.05
2.50
( TYP.)
1.55±0.05
0.50±0.03(20 PLCS)
4.10
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
REV.
1XN SFP+ CAGE SPRINGFINGER
EMI, WITH LIGHT PIPE
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
DWG APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
X.X 0.38
1
X.XX 0.25
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
ECN/E-R
DESIGNED
6 OF 11
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
TITLE
2:1
C
7
CODE IDENT. NO.
03554
Jane.Z
J.SI
A.G
MAR13/09
P-U77-CX61M-X081
A
MAR25/09
PROPOSAL
MAR25/09
MAR25/09
B
UPDATED
APR21/09
C
B-B APPLICATIONS ADDED
MAY25/09
NOTES:
1. DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER.
2. PADS AND VIAS ARE CHASSIS GROUND.
3. THRU-HOLES, PLATING OPTIONAL.
4. SEE DRAWINGS P-UX76-A20-X00XX FOR CONNECTOR LAYOUT.
RECOMMENDED PCB DESIGN
FOR SINGLE SIDE MOUNTING
(P/N U77-C261M-X081)


유사한 부품 번호 - P-U77-CX61M-X081

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-U77-CX11X-XX1X AMPHENOL-P-U77-CX11X-XX1X Datasheet
789Kb / 8P
   this is a cad drawing do not manually revise
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
More results

유사한 설명 - P-U77-CX61M-X081

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
logo
Molex Electronics Ltd.
0747500071 MOLEX11-0747500071 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500075 MOLEX11-0747500075 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500077 MOLEX11-0747500077 Datasheet
36Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Dual Light Pipe
logo
Amphenol Corporation
P-U86-D1427-X0XX1 AMPHENOL-P-U86-D1427-X0XX1 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
logo
Molex Electronics Ltd.
0747501570 MOLEX11-0747501570 Datasheet
39Kb / 1P
   QSFP Cage Assembly with PCI Heat Sink with Round EMI Gasket, Quad Light Pipe
0747501575 MOLEX11-0747501575 Datasheet
38Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Quad Light Pipe
0747500076 MOLEX11-0747500076 Datasheet
37Kb / 1P
   QSFP Cage Assembly with SAN Heat Sink with Round EMI Gasket, Dual Light Pipe
0747500070 MOLEX11-0747500070 Datasheet
37Kb / 1P
   QSFP Cage Assembly with SAN Heat Sink with Round EMI Gasket, Single Light Pipe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com