전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3402 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3402
상세설명  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  LM3402_1 Datasheet HTML 1Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 2Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 3Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 4Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 5Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 6Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 7Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 8Page - National Semiconductor (TI) LM3402_1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Rearranging the above equation and solving for t
OFF with
t
ON set to 510 ns
t
OFF = 938 ns (satisfied)
Example 1 ON & OFF Times
V
IN (V)
V
OUT (V)
t
ON
t
OFF
36
10.4
5.10E-07
9.38E-07
48
10.4
3.82E-07
1.06E-06
60
10.4
3.06E-07
1.14E-06
Calculate Switching Frequency
V
IN = 36V, 48 and 60V.
Substituting equations:
f
SW = 691kHz (VIN = 36V, 48V, & 60V)
Calculate Inductor Value
With 50% ripple at V
IN = 48V
• I
F = 500 mA
• Δi
L = 250 mA (target)
• L = 57 µH (68 µH standard value)
Calculate
Δi for V
IN = 36V, 48V, and 60V with L = 68 µH
Example 1 Ripple Current
V
IN (V)
V
OUT (V)
Δi
L (A)
36
10.4
0.192
48
10.4
0.211
60
10.4
0.223
Calculate R
SNS
Calculate R
SNS at VIN typical (48V), and average LED current
(I
F) set to 500 mA.
30061623
FIGURE 8. Inductor Current Waveform
I
F = 500 mA
V
IN = 48V
V
OUT = 10.4V
L = 68 µH
t
D = 220 ns
t
ON = 382 ns
Using equations from the COT Overview section, calculate
R
SNS.
Therefore: R
SNS = 467 mΩ
Calculate Average LED current (I
F)
Calculate average current through the LEDs for V
IN = 36V and
60V.
Example 1 Average LED Current
V
IN (V)
V
OUT (V)
I
F (A)
36
10.4
0.490
48
10.4
0.500
60
10.4
0.506
5
www.national.com


유사한 부품 번호 - LM3402_1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

유사한 설명 - LM3402_1

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
NCL2801LED2GEVB ONSEMI-NCL2801LED2GEVB Datasheet
1Mb / 14P
   Deep Dimming LED Driver 150 W Evaluation Board
March, 2020 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
STMicroelectronics
STEVAL385LED4CH STMICROELECTRONICS-STEVAL385LED4CH Datasheet
504Kb / 10P
   Adjustable LED current and dimming
May 2014 Rev 2
STEVAL-ILL066V1 STMICROELECTRONICS-STEVAL-ILL066V1 Datasheet
245Kb / 12P
   Adjustable LED current and dimming
December 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com