전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1963A-25DCQR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TL1963A-25DCQR
상세설명  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-25DCQR 데이터시트(HTML) 2 Page - Texas Instruments

  TL1963A-25DCQR Datasheet HTML 1Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 2Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 3Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 4Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 5Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 6Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 7Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 8Page - Texas Instruments TL1963A-25DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TL1963A-xx
SLVS719E – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ORDERING INFORMATION(1)
VOUT
TA
PACKAGE (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(TYP)
TO-263 – KTT
Reel of 500
TL1963A-15KTTR
TL1963A-15
1.5 V
TO-223 – DCQ
Reel of 2500
TL1963A-15DCQR
1963A-15
SOT-223 – DCY
Reel of 2500
TL1963A-15DCYR
TF
TO-263 – KTT
Reel of 500
TL1963A-18KTTR
TL1963A-18
1.8 V
TO-223 – DCQ
Reel of 2500
TL1963A-18DCQR
1963A-18
SOT-223 – DCY
Reel of 2500
TL1963A-18DCYR
TG
TO-263 – KTT
Reel of 500
TL1963A-25KTTR
TL1963A-25
–40°C to 125°C
2.5 V
TO-223 – DCQ
Reel of 2500
TL1963A-25DCQR
1963A-25
SOT-223 – DCY
Reel of 2500
TL1963A-25DCYR
TH
TO-263 – KTT
Reel of 500
TL1963A-33KTTR
TL1963A-33
3.3 V
TO-223 – DCQ
Reel of 2500
TL1963A-33DCQR
1963A-33
SOT-223 – DCY
Reel of 2500
TL1963A-33DCYR
TJ
TO-263 – KTT
Reel of 500
TL1963AKTTR
TL1963A
ADJ
TO-223 – DCQ
Reel of 2500
TL1963ADCQR
TL1963A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 1. TERMINAL FUNCTIONS
NO.
NAME
DESCRIPTION
DCQ
DCY
KTT
Shutdown. The SHDN pin is used to put the TL1963A-xx regulators into a low-power shutdown
state. The output is off when the SHDN pin is pulled low. The SHDN pin can be driven either by
5-V logic or open-collector logic with a pullup resistor. The pullup resistor is required to supply
SHDN
1
1
the pullup current of the open-collector gate, normally several microamperes, and the SHDN pin
current, typically 3
μA. If unused, the SHDN pin must be connected to VIN. The device is in the
low-power shutdown state if the SHDN pin is not connected.
Input. Power is supplied to the device through the IN pin. A bypass capacitor is required on this
pin if the device is more than six inches away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor (ceramic) in the range of 1
μF to
IN
2
1
2
10
μF is sufficient. The TL1963A-xx regulators are designed to withstand reverse voltages on
the IN pin with respect to ground and the OUT pin. In the case of a reverse input, which can
happen if a battery is plugged in backwards, the device acts as if there is a diode in series with
its input. There is no reverse current flow into the regulator, and no reverse voltage appears at
the load. The device protects both itself and the load.
GND
3, 6
2, 4
3
Ground
Output. The output supplies power to the load. A minimum output capacitor (ceramic) of 10
μF
OUT
4
3
4
is required to prevent oscillations. Larger output capacitors are required for applications with
large transient loads to limit peak voltage transients.
Adjust. For the adjustable TL1963A, this is the input to the error amplifier. This pin is clamped
ADJ
5
5
internally to ±7 V. It has a bias current of 3
μA that flows into the pin. The ADJ pin voltage is
1.21 V referenced to ground, and the output voltage range is 1.21 V to 20 V.
Sense. For fixed voltage versions of the TL1963A-xx (TL1963A-1.5, TL1963A-1.8,
TL1963A-2.5, and TL1963A-3.3), the SENSE pin is the input to the error amplifier. Optimum
regulation is obtained at the point where the SENSE pin is connected to the OUT pin of the
regulator. In critical applications, small voltage drops are caused by the resistance (RP) of PC
traces between the regulator and the load. These may be eliminated by connecting the SENSE
SENSE
5
5
pin to the output at the load as shown in Figure 32. Note that the voltage drop across the
external PC traces adds to the dropout voltage of the regulator. The SENSE pin bias current is
600
μA at the rated output voltage. The SENSE pin can be pulled below ground (as in a dual
supply system in which the regulator load is returned to a negative supply) and still allow the
device to start and operate.
For the KTT package, the exposed thermal pad is connected to ground and must be soldered to
Thermal Pad
the PCB for rated thermal performance.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


유사한 부품 번호 - TL1963A-25DCQR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-25DCQR TI-TL1963A-25DCQR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-25DCQR TI1-TL1963A-25DCQR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

유사한 설명 - TL1963A-25DCQR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com