전자부품 데이터시트 검색엔진 |
|
UA78L10ACLPR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
UA78L10ACLPR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 26 page µA78L00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TJ VO(NOM) (V) OUTPUT VOLTAGE TOLERANCE PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING 26V 5% SOIC (D) Tube of 75 µA78L02ACD 78L02A 2.6 V 5% TO-226/TO-92 (LP) Bulk of 1000 µA78L02ACLP 78L02AC SOIC (D) Tube of 75 µA78L05ACD 78L05A SOIC (D) Reel of 2500 µA78L05ACDR 78L05A 5% SOT-89 (PK) Reel of 1000 µA78L05ACPK F5 5% TO 92 (LP) Bulk of 1000 µA78L05ACLP TO-92 (LP) TO-226AA (LP) Pack of 2000 µA78L05ACLPM 78L05AC 5 V TO-226AA (LP) Reel of 2000 µA78L05ACLPR 78L05AC 5 V SOIC (D) Tube of 75 µA78L05CD 78L05C SOIC (D) Reel of 2500 µA78L05CDR 78L05C 10% SOT-89 (PK) Tube of µA78L05CPK B5 10% TO-92 (LP) Bulk of 1000 µA78L05CLP 78L05C TO 92 (LP) TO-226AA (LP) Reel of 2000 µA78L05CLPR 78L05C SOT-89 (PK) Reel of 1000 µA78L06ACPK F6 6.2 V 5% TO-92 (LP) Bulk of 1000 µA78L06ACLP 78L06AC 6.2 V 5% TO 92 (LP) TO-226AA (LP) Reel of 2000 µA78L06ACLPR 78L06AC SOIC (D) Tube of 75 µA78L08ACD 78L08A SOIC (D) Reel of 2500 µA78L08ACDR 78L08A 5% SOT-89 (PK) Reel of 1000 µA78L08ACPK F8 0 °C to 125°C 8 V 5% TO-92 (LP) Bulk of 1000 µA78L08ACLP 78L08AC TO 92 (LP) TO-226AA (LP) Reel of 2000 µA78L08ACLPR 78L08AC 10% SOIC (D) Tube of 75 µA78L08CD 78L08C 10% SOIC (D) Reel of 2500 µA78L08CDR 78L08C SOIC (D) Tube of 75 µA78L09ACD 78L09A SOIC (D) Reel of 2500 µA78L09ACDR 78L09A 9 V 5% SOT-89 (PK) Reel of 1000 µA78L09ACPK F9 9 V 5% TO-92 (LP) Bulk of 1000 µA78L09ACLP 78L09AC TO 92 (LP) TO-226AA (LP) Reel of 2000 µA78L09ACLPR 78L09AC SOIC (D) Tube of 75 µA78L10ACD 78L10A SOIC (D) Reel of 2500 µA78L10ACDR 78L10A 10 V 5% SOT-89 (PK) Reel of 1000 µA78L10ACPK FA 10 V 5% TO-92 (LP) Bulk of 1000 µA78L10ACLP 78L10AC TO 92 (LP) TO-226AA (LP) Reel of 2000 µA78L10ACLPR 78L10AC SOIC (D) Tube of 75 µA78L12ACD 78L12A SOIC (D) Reel of 2500 µA78L12ACDR 78L12A 12 V 5% SOT-89 (PK) Reel of 1000 µA78L12ACPK FC 12 V 5% TO 92 (LP) Bulk of 1000 µA78L12ACLP TO-92 (LP) TO-226AA (LP) Pack of 2000 µA78L12ACLPM 78L12AC TO-226AA (LP) Reel of 2000 µA78L12ACLPR † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |
유사한 부품 번호 - UA78L10ACLPR |
|
유사한 설명 - UA78L10ACLPR |