전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL9202PWPG4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL9202PWPG4
상세설명  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPL9202PWPG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPL9202PWPG4 Datasheet HTML 5Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 6Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 7Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 8Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 9Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 10Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 11Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 12Page - Texas Instruments TPL9202PWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Timing Requirements
Reset Delay (RDELAY)
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
TA = –40°C to 125°C, VIN = 7 V to 18 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSPI
SPI frequency
4
MHz
T1
Delay time, NCS falling edge to SCLK rising edge
10
ns
T2
Delay time, NCS falling edge to SCLK falling edge
80
ns
T3
Pulse duration, SCLK high
60
ns
T4
Pulse duration, SCLK low
60
ns
T5
Delay time, last SCLK falling edge to NCS rising edge
80
ns
T6
Setup time, MOSI valid before SCLK edge
10
ns
T7
Hold time, MOSI valid after SCLK edge
10
ns
T8
Time between two words for transmitting
170
ns
The RDELAY output provides a constant current source to charge an external capacitor to approximately 6.5 V.
The external capacitor is selected to provide a delay time, based on the current equation for a capacitor,
I = C(
Δv/Δt) and a 28-
µA typical output current.
Therefore, the user should select a 47-nF capacitor to provide a 6-ms delay at 3.55 V.
I = C(
Δv/Δt)
28
µA = C × (3.55 V/6 ms)
C = 47 nF
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPL9202


유사한 부품 번호 - TPL9202PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL9202PWPG4 TI-TPL9202PWPG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results

유사한 설명 - TPL9202PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com