전자부품 데이터시트 검색엔진 |
|
ULN2003AIPWE4 데이터시트(PDF) 7 Page - Texas Instruments |
|
ULN2003AIPWE4 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 26 page ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A www.ti.com SLRS027J – DECEMBER 1976 – REVISED JUNE 2010 SWITCHING CHARACTERISTICS TA = 25°C ULN2002A, ULN2003A, ULN2004A PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 0.25 1 ms tPHL Propagation delay time, high- to low-level output See Figure 9 0.25 1 ms VOH High-level output voltage after switching VS = 50 V, IO = 300 mA, See Figure 10 VS – 20 mV SWITCHING CHARACTERISTICS TA = 25°C ULN2003AI PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 0.25 1 ms tPHL Propagation delay time, high- to low-level output See Figure 9 0.25 1 ms VOH High-level output voltage after switching VS = 50 V, IO ≈ 300 mA, See Figure 10 VS – 20 mV SWITCHING CHARACTERISTICS TA = –40°C to 105°C ULN2003AI PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 1 10 ms tPHL Propagation delay time, high- to low-level output See Figure 9 1 10 ms VOH High-level output voltage after switching VS = 50 V, IO ≈ 300 mA, See Figure 10 VS – 50 mV SWITCHING CHARACTERISTICS over recommended operating conditions (unless otherwise noted) ULQ2003A, ULQ2004A PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 1 10 ms tPHL Propagation delay time, high- to low-level output See Figure 9 1 10 ms VOH High-level output voltage after switching VS = 50 V, IO = 300 mA, See Figure 10 VS – 20 mV Copyright © 1976–2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
유사한 부품 번호 - ULN2003AIPWE4 |
|
유사한 설명 - ULN2003AIPWE4 |