전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1W-CLK 데이터시트(PDF) 3 Page - Omron Electronics LLC

부품명 CS1W-CLK
상세설명  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK 데이터시트(HTML) 3 Page - Omron Electronics LLC

  CS1W-CLK Datasheet HTML 1Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CS1W-CLK
3
Ordering Information
Controller Link Units, New Models
Controller Link Units, Old Models
New models are fully compatible with old models and provide enhanced functionality, such as an increase in the number of send words from 1,000
to 4,000 words. Both types can be used simultaneously on the same network. Select a new model when ordering.
Note: 1. Use the following special cable for shielded, twisted-pair cable.
• ESVC0.5×2C-13262 (Bando Electric Wire : Japanese Company)
• ESNC0.5×2C-99-087B (Nihon Electric Wire & Cable Corporation : Japanese Company)
• ESPC 1P×0.5mm2 (Nagaoka Electric Wire Co.,Ltd. : Japanese Company)
• Li2Y-FCY2×0.56qmm (Kromberg & Schubert, Komtec Department : German Company)
• 1×2×AWG-20PE+Tr.CUSN+PVC (Draka Cables Industrial : Spanish Company)
• #9207 (Belden : US Company)
2. When using a wire-to-optical (H-PCF) cable, use a H-PCF cable (for both Controller Link and SYSMAC LINK) or a H-PCF optical fiber
cable with connector.
3. When using a wire-to-optical (GI) cable, use a GI optical cable that matches the specifications.
4. Pre-Ver. 1.2 Controller Link Units support 4 Units maximum for non-duplex and 7 Units maximum for duplex (6 Units comprising 3 sets
of Duplex Units + 1 Non-duplex Unit).
Accessories
The Optical Fiber Cable Bracket is included in CS1W-CLK13/12-V1 and CS1W-CLK53/52-V1.
Unit
classifi-
cation
Product
name
Specifications
No. of unit
numbers
allocated
Current
consumption
(A)
Model
Standards
Communications
cable
Communications
type
Duplex
support
Max. Units
mountable per
CPU Unit
5 V
DC
26 V
DC
CS1
CPU
Bus Unit
Controller
Link
Unit
Wired shielded
twisted-pair cable
(See note 1.)
Data links and
message service
No
8
1
0.33
CS1W-CLK23
UC1, N, L,
CE
Controller
Link
Unit
Optical ring H-PCF
cable
(See note 2.)
Yes. Unit
duplexing
and cable
loop back are
supported.
Non-duplex: 8,
Duplex: 11
(6 Units
comprising 3
sets of Duplex
Units + 5
Non-duplex
Units)
10.52
CS1W-CLK13
Controller
Link
Unit
Optical ring GI cable
(See note 3.)
10.65
CS1W-CLK53
Unit
classifi-
cation
Product
name
Specifications
No. of unit
numbers
allocated
Current
consumption
(A)
Model
Note: New models
are listed above.
Standards
Communications
cable
Communications
type
Duplex
support
Max. Units
mountable per
CPU Unit
5V
DC
26 V
DC
CS1
CPU
Bus Unit
Controller
Link
Unit
Wired shielded
twisted-pair cable
(See note 1.)
Data links and
message service
No
8
1
0.33
CS1W-CLK21-V1
UC1, N, L,
CE
Optical ring H-PCF
cable
(See note 2.)
Yes. Unit
duplexing
and cable
loop back are
supported.
Non-duplex: 8,
Duplex: 11
(6 Units
comprising 3
sets of Duplex
Units + 5
Non-duplex
Units)
(See note 4.)
10.52
CS1W-CLK12-V1
Optical ring GI cable
(See note 3.)
10.65
CS1W-CLK52-V1


유사한 부품 번호 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

유사한 설명 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com