전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1W-CLK 데이터시트(PDF) 6 Page - Omron Electronics LLC

부품명 CS1W-CLK
상세설명  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK 데이터시트(HTML) 6 Page - Omron Electronics LLC

Back Button CS1W-CLK Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
CS1W-CLK
Optical Connector Assembly Tool
Note: There is a risk of quality problems when using cables assembled by typical users, so we recommend purchasing cables with preattached
connectors or having a qualified technician assemble the cables.
GI Optical Cables
A qualified technician must select, assemble, and install GI Optical Fiber Cable, so always let an optical cable specialist handle the GI cable.
Usable Optical Cables and Optical Connectors
• Optical fiber types: Graded, indexed, multi-mode, all quartz glass, fiber (GI-type AGF cable)
• Optical fiber construction (core diameter/clad diameter): 62.5/125 μm or 50/125 μm
• Optical fiber optical characteristics of optical fiber: Refer to the tables.
• Optical connector: ST connector (IEC-874-10)
• 50/125-μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak wavelength of the test light source.
• 62.5/125-μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak wavelength of the test light source.
International Standards
• The standards indicated in the Standards column are those current for UL, CSA, cULus, cUL, NK, and Lloyd standards and EC Directives as
of the end of July 2007. The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA,
UC: cULus, UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Ask your OMRON representative for the conditions under which the standards were met.
Mountable Racks
Note: 1. Optical Ring Controller Link Units support 11 Units maximum for duplex (6 Units comprising 3 sets of Duplex Units + 5 Non-duplex Units).
2. Optical Ring Controller Link Units support 7 Units maximum for duplex (6 Units comprising 3 sets of Duplex Units + 1 Non-duplex Unit).
Name
Applicable Unit
Model
Manufacturer
Standards
Optical
Fiber
Assembly
Tool
(See note.)
This tool is used on site for mounting crimp-cut connectors and hard
plastic-clad silica optical fiber for optical transmission systems of
SYSMAC C-series SYSBUS, SYSMAC LINK, and Controller Link.
CAK-0057
Sumitomo Electric
Industries, Ltd.
Item
Minimum
Standard
Maximum
Conditions
Numerical
aperture (N.A)
0.21
−−
Transmission
loss (dB)
−−
3.0Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.0Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.0Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
500
−−
λ = 0.85 μm (LD)
Item
Minimum
Standard
Maximum
Conditions
Numerical
aperture (N.A)
0.28
−−
Transmission
loss (dB)
−−
3.5Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.5Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.5Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
200
−−
λ = 0.85 μm (LD)
Model
CS1 System
CS1D System
CPU Rack
Expansion
Backplane (including
Long-distance
Expansion Rack)
SYSBUS
Remote
I/O
Slave
Rack
C200HX/HG/
HE Expansion
I/O Rack
CPU Rack
Expansion
Backplane
CS1W-BC
CS1W-BI
CS1D-BC
CS1D-BI
@@3
@@2
@@3
@@2
052
042D
082S
092
082D
CS1W-CLK23
CS1W-CLK13
CS1W-CLK53
Unit version 2.0
8 Units (per CPU Unit)
Not
supported
Not supported
8 Units (per CPU Unit)
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Unit version 1.2
8 Units (See note 1.) (per CPU Unit)
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Pre-Ver. 1.2
4 Units (per CPU Unit)
4 Units (See note 2.) (per CPU Unit)


유사한 부품 번호 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

유사한 설명 - CS1W-CLK

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com