전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7WB3126 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 7WB3126
상세설명  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3126 데이터시트(HTML) 4 Page - ON Semiconductor

  7WB3126 Datasheet HTML 1Page - ON Semiconductor 7WB3126 Datasheet HTML 2Page - ON Semiconductor 7WB3126 Datasheet HTML 3Page - ON Semiconductor 7WB3126 Datasheet HTML 4Page - ON Semiconductor 7WB3126 Datasheet HTML 5Page - ON Semiconductor 7WB3126 Datasheet HTML 6Page - ON Semiconductor 7WB3126 Datasheet HTML 7Page - ON Semiconductor 7WB3126 Datasheet HTML 8Page - ON Semiconductor 7WB3126 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7WB3126
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA =
−555C to +1255C
Unit
Min
Typ
Max
Min
Max
VIK
Clamp Diode Voltage
II/O = −18 mA
4.5
−1.2
−1.2
V
VIH
High−Level Input Voltage
(Control)
4.0 to
5.5
2.0
2.0
V
VIL
Low−Level Input Voltage
(Control)
4.0 to
5.5
0.8
0.8
V
VOH
Output Voltage High
See Figure 4
IIN
Input Leakage Current
0 v VIN v 5.5 V
5.5
$0.1
$1.0
mA
IOFF
Power Off Leakage Current
VI/O = 0 to 5.5 V
0
$0.1
$1.0
mA
ICC
Quiescent Supply Current
IO = 0,
VIN = VCC or 0 V
5.5
$0.1
$1.0
mA
DICC
Increase in Supply Current
(Control Pin)
One input at 3.4 V;
Other inputs at
VCC or GND
5.5
2.5
mA
RON
Switch ON Resistance
VI/O = 0,
II/O = 64 mA
II/O = 30 mA
4.5
3
3
7
7
7
7
W
VI/O = 2.4,
II/O = 15 mA
6
15
15
VI/O = 2.4,
II/O = 15 mA
4.0
10
20
20
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
VCC
(V)
TA = 25 5C
TA =
−555C to +1255C
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay,
Bus to Bus
See Figure 5
4.0 to
5.5
0.25
0.25
ns
tEN
Output Enable Time
See Figure 5
4.5 to
5.5
0.8
2.5
4.2
0.8
4.2
ns
4.0
0.8
3.0
4.6
0.8
4.6
tDIS
Output Disable Time
4.5 to
5.5
0.8
3.0
4.8
0.8
4.8
ns
4.0
0.8
2.9
4.4
0.8
4.4
CIN
Control Input Capacitance
VIN = 5 or 0 V
5.0
2.5
pF
CIO(ON)
Switch On Capacitance
Switch ON
5.0
10
pF
CIO(OFF)
Switch Off Capacitance
Switch OFF
5.0
5
pF


유사한 부품 번호 - 7WB3126

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
7WB3126 ONSEMI-7WB3126 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3126DMR2G ONSEMI-7WB3126DMR2G Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3126DMUTCG ONSEMI-7WB3126DMUTCG Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3126MUTAG ONSEMI-7WB3126MUTAG Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
More results

유사한 설명 - 7WB3126

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306 ONSEMI-7WB3306_14 Datasheet
98Kb / 11P
   2-Bit Bus Switch
October, 2014 ??Rev. 3
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com