์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

7WB3305 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - ON Semiconductor

๋ถ€ํ’ˆ๋ช… 7WB3305
์ƒ์„ธ๋‚ด์šฉ  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ONSEMI [ON Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.onsemi.com
Logo 

7WB3305 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 11 page
 6 / 11 page
background image
7WB3305
http://onsemi.com
6
AC LOADING AND WAVEFORMS
Parameter Measurement Information
CL = 50 pF*
From Output
Under Test
GND
Open
7 V
500 W
S1
*CL includes probes and jig capacitance.
500 W
Test
S1
tPD
Open
tPLZ/tPZL
7 V
tPHZ/tPZH
Open
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
3.5 V
Output
Control
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
tPZH
tPHZ
VOL
VOH
0 V
Output
Output
Waveform 1
S1 at 7 V
(Note 6)
Waveform 2
S1 at Open
(Note 6)
VOL + 0.3 V
VOH โˆ’ 0.3 V
6. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control
7. All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W, tr v 2.5 ns, tf v 2.5 ns.
8. The outputs are measured one at a time, with one transition per measurement.
9. tPLZ and tPHZ are the same as tDIS.
10.tPZL and tPZH are the same as tEN.
11. tPHL and tPLH are the same as tPD.
Figure 5. tPD, tEN, tDIS Loading and Waveforms
1.5 V
1.5 V
1.5 V
1.5 V
Input
Output
VOH
VOL
tPHL
tPLH
3 V
0 V
tPZL
tPLZ
ORDERING INFORMATION
Device
Package
Shippingโ€ 
7WB3305MUTAG
UDFN8
(Pbโˆ’Free)
3000 / Tape & Reel
7WB3305AMX1TCG
ULLGA8 โ€“ 0.5 mm Pitch
(Pbโˆ’Free)
3000 / Tape & Reel
7WB3305BMX1TCG
ULLGA8 โ€“ 0.4 mm Pitch
(Pbโˆ’Free)
3000 / Tape & Reel
7WB3305CMX1TCG
ULLGA8 โ€“ 0.35 mm Pitch
(Pbโˆ’Free)
3000 / Tape & Reel
7WB3305DMR2G
Micro8
(Pbโˆ’Free)
4000 / Tape & Reel
โ€ For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn