전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7WBD3125 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 7WBD3125
상세설명  2-Bit Translating Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3125 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button 7WBD3125 Datasheet HTML 5Page - ON Semiconductor 7WBD3125 Datasheet HTML 6Page - ON Semiconductor 7WBD3125 Datasheet HTML 7Page - ON Semiconductor 7WBD3125 Datasheet HTML 8Page - ON Semiconductor 7WBD3125 Datasheet HTML 9Page - ON Semiconductor 7WBD3125 Datasheet HTML 10Page - ON Semiconductor 7WBD3125 Datasheet HTML 11Page - ON Semiconductor 7WBD3125 Datasheet HTML 12Page - ON Semiconductor 7WBD3125 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
7WBD3125
http://onsemi.com
9
PACKAGE DIMENSIONS
ULLGA8 1.6x1.0, 0.4P
CASE 613AB−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
L
7X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
8X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.60 BSC
E
1.00 BSC
e
0.40 BSC
L
0.25
0.35
L1
0.30
0.40
e/2
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.26
7X
0.49
8X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.40
1
MOUNTING FOOTPRINT
PKG
OUTLINE


유사한 부품 번호 - 7WBD3125

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
7WBD3125 ONSEMI-7WBD3125 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125AMUTCG ONSEMI-7WBD3125AMUTCG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125DMR2G ONSEMI-7WBD3125DMR2G Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125DMUTCG ONSEMI-7WBD3125DMUTCG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125MUTAG ONSEMI-7WBD3125MUTAG Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
More results

유사한 설명 - 7WBD3125

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com