전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1021A 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 ADM1021A
상세설명  Low Cost Microprocessor System Temperature Monitor Microcomputer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021A 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button ADM1021A Datasheet HTML 3Page - ON Semiconductor ADM1021A Datasheet HTML 4Page - ON Semiconductor ADM1021A Datasheet HTML 5Page - ON Semiconductor ADM1021A Datasheet HTML 6Page - ON Semiconductor ADM1021A Datasheet HTML 7Page - ON Semiconductor ADM1021A Datasheet HTML 8Page - ON Semiconductor ADM1021A Datasheet HTML 9Page - ON Semiconductor ADM1021A Datasheet HTML 10Page - ON Semiconductor ADM1021A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ADM1021A
http://onsemi.com
7
Functional Description
The ADM1021A contains a two−channel A−to−D
converter with special input−signal conditioning to enable
operation with remote and on−chip diode temperature
sensors. When the ADM1021A is operating normally, the
A−to−D converter operates in free−running mode. The
analog input multiplexer alternately selects either the
on−chip temperature sensor to measure its local temperature
or the remote temperature sensor. These signals are digitized
by the ADC and the results stored in the local and remote
temperature value registers as 8−bit, twos complement
words.
The measurement results are compared with local and
remote, high and low temperature limits, stored in four
on−chip registers. Out−of−limit comparisons generate flags
that are stored in the status register, and one or more
out−of−limit results will cause the ALERT output to pull low.
The limit registers can be programmed and the device
controlled
and
configured
via
the
serial
System
Management Bus (SMBus). The contents of any register can
also be read back via the SMBus.
Control and configuration functions consist of:
Switching the device between normal operation and
standby mode.
Masking or enabling the ALERT output.
Selecting the conversion rate.
On initial powerup, the remote and local temperature
values default to –128
°C. Since the device normally powers
up converting, a measurement of local and remote
temperature is made, and these values are then stored before
a comparison with the stored limits is made. However, if the
part is powered up in standby mode (STBY pin pulled low),
no new values are written to the register before a comparison
is made. As a result, both RLOW and LLOW are tripped in
the status register, thus generating an ALERT output. This
can be cleared in one of two ways.
1. Change both the local and remote lower limits to
–128
°C and read the status register (which in turn
clears the ALERT output).
2. Take the part out of standby and read the status
register (which in turn clears the ALERT output).
This works only if the measured values are within
the limit values.
Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode, or the
base−emitter voltage of a transistor, operated at constant
current. Unfortunately, this technique requires calibration to
null the effect of the absolute value of VBE, which varies
from device to device.
Figure 13. Input Signal Conditioning
C1*
D+
I
N y 1
D–
REMOTE
SENSING
TRANSISTOR
IBIAS
VDD
VOUT+
TO ADC
VOUT–
BIAS
DIODE
LOW−PASS FILTER
fC = 65kHz
* CAPACITOR C1 IS OPTIONAL. IT IS ONLY NECESSARY IN NOISY ENVIRONMENTS.
C1 = 2.2nF TYP, 3nF MAX.
The technique used in the ADM1021A is to measure the
change in VBE when the device is operated at two different
currents. This is given by:
(eq. 1)
DV
BE + KT q
1n (N)
where:
K is Boltzmann’s constant.
q is the charge on the electron (1.6
× 10–19 Coulombs).
T is the absolute temperature in Kelvins.
N is the ratio of the two currents.
Figure 13 shows the input signal conditioning used to
measure the output of an external temperature sensor.
This figure shows the external sensor as a substrate
transistor provided for temperature monitoring on some
microprocessors, but it could be a discrete transistor. If a
discrete transistor is used, the collector will not be grounded
and should be linked to the base. To prevent ground noise
interfering with the measurement, the more negative
terminal of the sensor is not referenced to ground, but is
biased above ground by an internal diode at the D– input. If
the sensor is operating in a noisy environment, one can
optionally be added as a noise filter. Its value is typically
2200 pF, but it should be no more than 3000 pF. See the
Layout Considerations section for more information.


유사한 부품 번호 - ADM1021A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQZ AD-ADM1021AARQZ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

유사한 설명 - ADM1021A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com