전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1026JSTZ 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 ADM1026JSTZ
상세설명  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button ADM1026JSTZ Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 9Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 10Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
ADM1026
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1, 2, and 3)
Parameter
Unit
Max
Typ
Min
Test Conditions/Comments
SERIAL BUS TIMING
Start Hold Time, tHD; STA
4.0
ms
SCL Low Time, tLOW
4.7
ms
SCL High Time, tHIGH
4.0
ms
SCL, SDA Rise Time, tr
1000
ns
SCL, SDA Fall Time, tf
300
ns
Data Setup Time, tSU; DAT
250
ns
Data Hold Time, tHD; DAT
300
ns
1. All voltages are measured with respect to GND, unless otherwise specified.
2. Typicals are at TA = 25°C and represent the most likely parametric norm. Shutdown current typ is measured with VCC = 3.3V.
3. Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
4. Total unadjusted error (TUE) includes offset, gain, and linearity errors of the ADC, multiplexer, and on−chip input attenuators. VBAT is accurate
only for VBAT voltages greater than 1.5 V (see Figure 14).
5. Total analog monitoring cycle time is nominally 273 ms, made up of 18 ms × 11.38 ms measurements on analog input and internal temperature
channels, and 2 ms × 34.13 ms measurements on external temperature channels.
6. The total fan count is based on two pulses per revolution of the fan tachometer output. The total fan monitoring time depends on the number
of fans connected and the fan speed. See the Fan Speed Measurement section for more details.
7. ADD is a three−state input that may be pulled high, low, or left open circuit.
8. Logic inputs accept input high voltages up to 5.0 V even when device is operating at supply voltages below 5.0 V.
9. Endurance is qualified to 100,000 cycles as per JEDEC Std. 22 method A117, and measured at −40°C, +25°C, and +85°C. Typical endurance
at +25°C is 700,000 cycles.
10.Retention lifetime equivalent at junction temperature (TJ ) = 55°C as per JEDEC Std. 22 method A117. Retention lifetime based on activation
energy of 0.6 V derates with junction temperature as shown in Figure 15.
Figure 2. Serial Bus Timing Diagram
P
S
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
PS
SCL
SDA
tBUF
tHD; STA
tHD; STA
tSU; STA


유사한 부품 번호 - ADM1026JSTZ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
More results

유사한 설명 - ADM1026JSTZ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com