전자부품 데이터시트 검색엔진 |
|
TL1431MFK 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
TL1431MFK 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 27 page www.ti.com − 1 − 2 − 4 − 5 − 6 3 − 3 0 2 4 6 1 0 2 t − Time − s EQUIVALENT INPUT-NOISE VOLTAGE OVER A 10-SECOND PERIOD 4 8 10 5 6 + − + − TEST CIRCUIT FOR 0.1-Hz TO 10-Hz EQUIVALENT INPUT-NOISE VOLTAGE f = 0.1 to 10 Hz IKA = 10 mA TA = 25°C 19.1 V 1 k Ω 910 Ω 500 µF 2000 µF VCC VCC VEE VEE TL1431 (DUT) 820 Ω 16 Ω 160 k Ω 0.1 µF 16 Ω 16 Ω 1 µF 1 µF 33 k Ω 33 k Ω 2.2 µF TLE2027 AV = 2 V/V 1 M Ω CRO TLE2027 AV = 10 V/mV TL1431 PRECISION PROGRAMMABLE REFERENCE SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007 Figure 11. Copyright © 1991–2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TL1431 |
유사한 부품 번호 - TL1431MFK |
|
유사한 설명 - TL1431MFK |