전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM840051KA 데이터시트(PDF) 7 Page - Micrel Semiconductor

부품명 SM840051KA
상세설명  10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840051KA 데이터시트(HTML) 7 Page - Micrel Semiconductor

Back Button SM840051KA Datasheet HTML 2Page - Micrel Semiconductor SM840051KA Datasheet HTML 3Page - Micrel Semiconductor SM840051KA Datasheet HTML 4Page - Micrel Semiconductor SM840051KA Datasheet HTML 5Page - Micrel Semiconductor SM840051KA Datasheet HTML 6Page - Micrel Semiconductor SM840051KA Datasheet HTML 7Page - Micrel Semiconductor SM840051KA Datasheet HTML 8Page - Micrel Semiconductor SM840051KA Datasheet HTML 9Page - Micrel Semiconductor SM840051KA Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SM840051
May 2010
7
M9999-050710-C
hbwhelp@micrel.com or (408) 955-1690
Power Supply Filtering
The SM840051 provides separate power supply pins to
isolate any high switching noise from outputs to internal
core blocks. VDD and VDDA should be individually
connected to the power plane through vias. Bypass
capacitors should be used for each pin. Figure 2,
illustrates how the power supply filter for 3.3V and 2.5V is
configured.
Figure 2. Power Supply Filter
Crystal Loading
Crystal Recommendations
This device requires a parallel resonance crystal.
Substituting a series resonance crystal will cause this
device to operate at the wrong frequency and violate the
ppm specifications.
To achieve low ppm error, the total capacitance the crystal
will see must be considered to calculate the appropriate
capacitive loading (CL).
Load Capacitance at each side: Trim Capacitance = Ct =
(2*CL-(Cb + Cd))
CL: Crystal load capacitance. Defined by manufacturer
Ct: External trim capacitors. (Trimmed CL Load
capacitance to get the right ppm)
Cb: Board capacitance (vias, traces, etc.)
Cd: Internal capacitance of the device (lead frame, bond
wires, pin, etc.)
Equivalent Series
Resistance (ESR)
Max.
Cut
Load
Cap.
Shunt
Cap.
Max.
Drive
Max.
50Ω
AT
18pF
7pF
0.1mW
Crystal Input Interface


유사한 부품 번호 - SM840051KA

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

유사한 설명 - SM840051KA

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com