전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14016B 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 MC14016B
상세설명  Quad Analog Switch/Quad Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14016B 데이터시트(HTML) 4 Page - Motorola, Inc

  MC14016B Datasheet HTML 1Page - Motorola, Inc MC14016B Datasheet HTML 2Page - Motorola, Inc MC14016B Datasheet HTML 3Page - Motorola, Inc MC14016B Datasheet HTML 4Page - Motorola, Inc MC14016B Datasheet HTML 5Page - Motorola, Inc MC14016B Datasheet HTML 6Page - Motorola, Inc MC14016B Datasheet HTML 7Page - Motorola, Inc MC14016B Datasheet HTML 8Page - Motorola, Inc MC14016B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14016B
68
Figure 1. Input Voltage Test Circuit
VC
Vin
Vout
IS
VIL: VC is raised from VSS until VC = VIL.
VIL: at VC = VIL: IS = ±10 µA with Vin = VSS, Vout = VDD or Vin = VDD, Vout = VSS.
VIH: When VC = VIH to VDD, the switch is ON and the RON specifications are met.
Figure 2. Quiescent Power Dissipation
Test Circuit
Figure 3. Typical Power Dissipation per Circuit
(1/4 of device shown)
PULSE
GENERATOR
VDD
10 k
ID
VDD
Vout
VSS
Vin
fc
TO ALL
4 CIRCUITS
PD = VDD x ID
50 M
10 M
1.0 M
100 k
10 k
5.0 k
10,000
1000
100
10
1.0
TA = 25°C
10 Vdc
5.0 Vdc
fc, FREQUENCY (Hz)
CONTROL
INPUT
VDD = 15 Vdc
TYPICAL RON versus INPUT VOLTAGE
Figure 4. VSS = – 5.0 V and – 7.5 V
Figure 5. VSS = 0 V
700
600
500
400
300
200
100
0
– 10 – 8.0
– 4.0
0
4.0
8.0
10
Vin, INPUT VOLTAGE (Vdc)
700
600
500
400
300
200
100
0
0
2.0
6.0
10
14
18
20
Vin, INPUT VOLTAGE (Vdc)
RL = 10 kΩ
TA = 25°C
VC = VDD = 5.0 Vdc
VSS = – 5.0 Vdc
VC = VDD = 7.5 Vdc
VSS = – 7.5 Vdc
VSS = 0 Vdc
RL = 10 kΩ
TA = 25°C
VC = VDD = 10 Vdc
VC = VDD = 15 Vdc


유사한 부품 번호 - MC14016B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

유사한 설명 - MC14016B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com