전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD139G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BD139G
상세설명  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD139G 데이터시트(HTML) 1 Page - ON Semiconductor

  BD139G Datasheet HTML 1Page - ON Semiconductor BD139G Datasheet HTML 2Page - ON Semiconductor BD139G Datasheet HTML 3Page - ON Semiconductor BD139G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 12
1
Publication Order Number:
BD135/D
BD135, BD137, BD139
Plastic Medium Power
Silicon NPN Transistor
This series of plastic, medium−power silicon NPN transistors are
designed for use as audio amplifiers and drivers utilizing
complementary or quasi complementary circuits.
Features
Pb−Free Packages are Available
DC Current Gain − h
FE = 40 (Min) @ IC = 0.15 Adc
BD 135, 137, 139 are complementary with BD 136, 138, 140
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
BD135
BD137
BD139
VCEO
45
60
80
Vdc
Collector−Base Voltage
BD135
BD137
BD139
VCBO
45
60
100
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.25
10
Watts
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
12.5
100
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to
+ 150
°C
Maximum ratings are those values beyond which device damage can oc-
cur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these
limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
10
°C/W
Thermal Resistance,
Junction−to−Ambient
qJA
100
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping
BD135
TO−225AA
500 Units/Box
1.5 A POWER TRANSISTORS
NPN SILICON
45, 60, 80 V, 12.5 W
xx
= 35, 37, 39
Y
= Year
WW
= Work Week
BD139
TO−225AA
500 Units/Box
BD139G
TO−225AA
(Pb−Free)
500 Units/Box
TO−225AA
CASE 77
STYLE 1
MARKING DIAGRAM
YWW
BD1xx
3
2 1
BD137
TO−225AA
500 Units/Box
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BD135G
TO−225AA
(Pb−Free)
500 Units/Box
BD137G
TO−225AA
(Pb−Free)
500 Units/Box


유사한 부품 번호 - BD139G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BD139G ONSEMI-BD139G Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Unisonic Technologies
BD139G-T60-K UTC-BD139G-T60-K Datasheet
105Kb / 3P
   NPN POWER TRANSISTORS
BD139G-TM3-T UTC-BD139G-TM3-T Datasheet
105Kb / 3P
   NPN POWER TRANSISTORS
More results

유사한 설명 - BD139G

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com