전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD137 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BD137
상세설명  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD137 데이터시트(HTML) 2 Page - ON Semiconductor

  BD137 Datasheet HTML 1Page - ON Semiconductor BD137 Datasheet HTML 2Page - ON Semiconductor BD137 Datasheet HTML 3Page - ON Semiconductor BD137 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD135, BD137, BD139
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Type
Min
Max
UnIt
Collector−Emitter Sustaining Voltage*
(IC = 0.03 Adc, IB = 0)
BVCEO*
BD 135
BD 137
BD 139
45
60
80
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
(VCB = 30 Vdc, IE = 0, TC = 125_C)
ICBO
0.1
10
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
10
mAdc
DC Current Gain
(IC = 0.005 A, VCE = 2 V)
(IC = 0.15 A, VCE = 2 V)
(IC = 0.5 A VCE = 2 V)
hFE*
25
40
25
250
Collector−Emitter Saturation Voltage*
(IC = 0.5 Adc, IB = 0.05 Adc)
VCE(sat)*
0.5
Vdc
Base−Emitter On Voltage*
(IC = 0.5 Adc, VCE = 2.0 Vdc)
VBE(on)*
1
Vdc
*Pulse Test: Pulse Width
x 300 ms, Duty Cycle x 2.0%.
10.0
1
Figure 1. Active−Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.01
2
5
10
20
80
BD135
BD137
BD139
50
0.1
0.05
TJ = 125°C
dc
5 ms
0.5 ms
0.1 ms
0.02


유사한 부품 번호 - BD137

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD137 MOTOROLA-BD137 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Savantic, Inc.
BD137 SAVANTIC-BD137 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BD137 ETC-BD137 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
NXP Semiconductors
BD137 PHILIPS-BD137 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BD137 CDIL-BD137 Datasheet
252Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
More results

유사한 설명 - BD137

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com