전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD249C 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 BD249C
상세설명  NPN High?뭁ower Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD249C 데이터시트(HTML) 6 Page - ON Semiconductor

  BD249C Datasheet HTML 1Page - ON Semiconductor BD249C Datasheet HTML 2Page - ON Semiconductor BD249C Datasheet HTML 3Page - ON Semiconductor BD249C Datasheet HTML 4Page - ON Semiconductor BD249C Datasheet HTML 5Page - ON Semiconductor BD249C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BD249C
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−218
CASE 340D−02
ISSUE E
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
A
D
V
G
K
S
L
U
B
Q
12
3
4
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
E
C
J
H
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
−−−
20.35
−−−
0.801
B
14.70
15.20
0.579
0.598
C
4.70
4.90
0.185
0.193
D
1.10
1.30
0.043
0.051
E
1.17
1.37
0.046
0.054
G
5.40
5.55
0.213
0.219
H
2.00
3.00
0.079
0.118
J
0.50
0.78
0.020
0.031
K
31.00 REF
1.220 REF
L
−−−
16.20
−−−
0.638
Q
4.00
4.10
0.158
0.161
S
17.80
18.20
0.701
0.717
U
4.00 REF
0.157 REF
V
1.75 REF
0.069
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
BD249C/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


유사한 부품 번호 - BD249C

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BD249C MOSPEC-BD249C Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
logo
Power Innovations Ltd
BD249C POINN-BD249C Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD249C BOURNS-BD249C Datasheet
109Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD249C SAVANTIC-BD249C Datasheet
145Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD249C ISC-BD249C Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BD249C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
   High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com