전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14016BCP 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 MC14016BCP
상세설명  Quad Analog Switch/Quad Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14016BCP 데이터시트(HTML) 5 Page - Motorola, Inc

  MC14016BCP Datasheet HTML 1Page - Motorola, Inc MC14016BCP Datasheet HTML 2Page - Motorola, Inc MC14016BCP Datasheet HTML 3Page - Motorola, Inc MC14016BCP Datasheet HTML 4Page - Motorola, Inc MC14016BCP Datasheet HTML 5Page - Motorola, Inc MC14016BCP Datasheet HTML 6Page - Motorola, Inc MC14016BCP Datasheet HTML 7Page - Motorola, Inc MC14016BCP Datasheet HTML 8Page - Motorola, Inc MC14016BCP Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
69
MC14016B
Figure 6. RON Characteristics
Test Circuit
Figure 7. Propagation Delay Test Circuit
and Waveforms
VC
Vin
Vout
RL
Vout
Vin
RL
CL
20 ns
20 ns
VDD
VSS
Vin
Vout
tPLH
tPHL
50%
10%
50%
90%
Figure 8. Turn–On Delay Time Test Circuit
and Waveforms
Figure 9. Crosstalk Test Circuit
VC
Vout
Vin
RL
CL
VX
20 ns
VC
Vout
Vout
10%
90%
10%
90%
90%
50%
10%
tPZH
tPHZ
VDD
VSS
tPLZ
tPZL
Vin = VDD
Vx = VSS
Vin = VSS
Vx = VDD
VC
Vout
Vin
1 k
10 k
15 pF
Figure 10. Noise Voltage Test Circuit
Figure 11. Typical Noise Characteristics
VC = VDD
OUT
IN
QUAN–TECH
MODEL
2283
OR EQUIV
100 k
10 k
1.0 k
100
10
35
30
25
20
0
10 Vdc
5.0 Vdc
f, FREQUENCY (Hz)
15
10
5.0
VDD = 15 Vdc


유사한 부품 번호 - MC14016BCP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BCPG ONSEMI-MC14016BCPG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

유사한 설명 - MC14016BCP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com