전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C64HU4I-T3 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 CAT24C64HU4I-T3
상세설명  64 kb I2C CMOS Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C64HU4I-T3 데이터시트(HTML) 2 Page - ON Semiconductor

  CAT24C64HU4I-T3 Datasheet HTML 1Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 2Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 3Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 4Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 5Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 6Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 7Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 8Page - ON Semiconductor CAT24C64HU4I-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT24C64
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
–65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz
1
mA
ICCW
Write Current
Write, fSCL = 400 kHz
2
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
VCC ≤ 3.3 V
1
mA
TA = −40°C to +85°C
VCC > 3.3 V
3
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
VCC < 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Table 4. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 4)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP (Note 5)
WP Input Current
VIN < VIH, VCC = 5.5 V
130
mA
VIN < VIH, VCC = 3.3 V
120
VIN < VIH, VCC = 1.8 V
80
VIN > VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively strong;
therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power, as
the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.


유사한 부품 번호 - CAT24C64HU4I-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64HU4I-GT3 ONSEMI-CAT24C64HU4I-GT3 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64HU4I-GT3 ONSEMI-CAT24C64HU4I-GT3 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64HU4I-GT3 ONSEMI-CAT24C64HU4I-GT3 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAT24C64HU4I-GT3 ONSEMI-CAT24C64HU4I-GT3 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results

유사한 설명 - CAT24C64HU4I-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com