전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C64XE-T3 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CAT24C64XE-T3
상세설명  64 kb I2C CMOS Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C64XE-T3 데이터시트(HTML) 3 Page - ON Semiconductor

  CAT24C64XE-T3 Datasheet HTML 1Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 2Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 3Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 4Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 5Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 6Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 7Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 8Page - ON Semiconductor CAT24C64XE-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT24C64
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C.) (Note 6)
Symbol
Parameter
Standard
VCC = 1.7 V − 5.5 V
Fast
VCC = 1.7 V − 5.5 V
Fast−Plus (Note 9)
VCC = 2.5 V − 5.5 V
TA = −405C to +855C
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.45
ms
tHIGH
High Period of SCL Clock
4
0.6
0.40
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 7)
SDA and SCL Rise Time
1,000
300
100
ns
tF (Note 7)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.40
ms
tDH
Data Out Hold Time
100
100
50
ns
Ti (Note 7)
Noise Pulse Filtered at SCL
and SDA Inputs
100
100
100
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
5
5
5
ms
tPU (Notes 7, 8)
Power-up to Ready Mode
1
1
0.1
1
ms
6. Test conditions according to “A.C. Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
9. Fast−Plus (1 MHz) speed class available for product revision “F”. The die revision “F” is identified by letter “F” or a dedicated marking code
on top of the package.
Table 6. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


유사한 부품 번호 - CAT24C64XE-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64XI-T2 ONSEMI-CAT24C64XI-T2 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64XI-T2 ONSEMI-CAT24C64XI-T2 Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64XI-T2 ONSEMI-CAT24C64XI-T2 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
More results

유사한 설명 - CAT24C64XE-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com