전자부품 데이터시트 검색엔진 |
|
MC14016BD 데이터시트(PDF) 4 Page - Motorola, Inc |
|
MC14016BD 데이터시트(HTML) 4 Page - Motorola, Inc |
4 / 9 page MOTOROLA CMOS LOGIC DATA MC14016B 68 Figure 1. Input Voltage Test Circuit VC Vin Vout IS VIL: VC is raised from VSS until VC = VIL. VIL: at VC = VIL: IS = ±10 µA with Vin = VSS, Vout = VDD or Vin = VDD, Vout = VSS. VIH: When VC = VIH to VDD, the switch is ON and the RON specifications are met. Figure 2. Quiescent Power Dissipation Test Circuit Figure 3. Typical Power Dissipation per Circuit (1/4 of device shown) PULSE GENERATOR VDD 10 k ID VDD Vout VSS Vin fc TO ALL 4 CIRCUITS PD = VDD x ID 50 M 10 M 1.0 M 100 k 10 k 5.0 k 10,000 1000 100 10 1.0 TA = 25°C 10 Vdc 5.0 Vdc fc, FREQUENCY (Hz) CONTROL INPUT VDD = 15 Vdc TYPICAL RON versus INPUT VOLTAGE Figure 4. VSS = – 5.0 V and – 7.5 V Figure 5. VSS = 0 V 700 600 500 400 300 200 100 0 – 10 – 8.0 – 4.0 0 4.0 8.0 10 Vin, INPUT VOLTAGE (Vdc) 700 600 500 400 300 200 100 0 0 2.0 6.0 10 14 18 20 Vin, INPUT VOLTAGE (Vdc) RL = 10 kΩ TA = 25°C VC = VDD = 5.0 Vdc VSS = – 5.0 Vdc VC = VDD = 7.5 Vdc VSS = – 7.5 Vdc VSS = 0 Vdc RL = 10 kΩ TA = 25°C VC = VDD = 10 Vdc VC = VDD = 15 Vdc |
유사한 부품 번호 - MC14016BD |
|
유사한 설명 - MC14016BD |