전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1232LPW-T2 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 CAT1232LPW-T2
상세설명  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1232LPW-T2 데이터시트(HTML) 5 Page - ON Semiconductor

  CAT1232LPW-T2 Datasheet HTML 1Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 2Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 3Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 4Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 5Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 6Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 7Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 8Page - ON Semiconductor CAT1232LPW-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT1232LP, CAT1832
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-3018 Rev. F
Characteristics subject to change without notice
APPLICATION INFORMATION
SUPPLY VOLTAGE MONITOR
Reset Signal Polarity and Output Stage Structure
RESET
¯¯¯¯¯¯ is an active LOW signal. It is developed with
an open drain driver in the CAT1232LP. A pull-up
resistor is required, typical values are 10 kΩ to 50 kΩ.
The CAT1832 uses a CMOS push-pull output stage
for the RESET
¯¯¯¯¯¯.
RESET is an active High signal developed by a
CMOS push-pull output stage and is the logical
opposite to RESET
¯¯¯¯¯¯.
Trip Point Tolerance Selection
The TOL input is used to select the VCC trip point
threshold. This selection is made connecting the
TOL input to ground or V
CC. Connecting TOL to
Ground makes the V
CC trip threshold 4.62 V for the
CAT1232LP and 2.88 V for the CAT1832.
Connecting TOL to V
CC makes the VCC trip threshold
4.37 V for the CAT1232LP and 2.55 V for the
CAT1832.
After VCC has risen above the trip point set by TOL,
RESET and RESET
¯¯¯¯¯¯remain active for a minimum time
period of 250 ms.
On power-down, once V
CC
falls below the reset
threshold the RESET outputs will remain active and
are guaranteed valid down to a V
CC level of 1.0 V.
Trip Point Voltage (V)
Tolerance
Select
Voltage
Trip Point
Tolerance
Min
Nominal
Max
CAT1232LP
TOL = VCC
10 %
4.25
4.37
4.49
CAT1232LP
TOL = GND
5 %
4.50
4.62
4.74
CAT1832
TOL = VCC
20 %
2.47
2.55
2.64
CAT1832
TOL = GND
10 %
2.80
2.88
2.97
Manual Reset Operation
Push-button input, PBRST
¯¯¯¯¯¯, allows the user to issue
reset signals. The pushbutton input is debounced and
is pulled high through an internal 40 kΩ resistor.
When PBRST
¯¯¯¯¯¯ is held low for the minimum time of
20 ms, both resets become active and remain active
for a minimum time period of 250 ms after PBRST
returns high.
No external pull-up resistor is required, since PBRST
¯¯¯¯¯¯
is pulled high by an internal 40 kΩ resistor.
PBRST
¯¯¯¯¯¯ can be driven from a TTL or CMOS logic line
or short-ed to ground with a mechanical switch.
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tR
tRPU
VOH
VOL
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tF
VOH
VOL
tRPD


유사한 부품 번호 - CAT1232LPW-T2

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1232LPW-T2 CATALYST-CAT1232LPW-T2 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

유사한 설명 - CAT1232LPW-T2

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Renesas Technology Corp
M62050P RENESAS-M62050P Datasheet
150Kb / 12P
   3 V Supply System Reset with Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com