전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1832V-GT3 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 CAT1832V-GT3
상세설명  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1832V-GT3 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button CAT1832V-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 10Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 11Page - ON Semiconductor CAT1832V-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT1232LP, CAT1832
© 2009 SCILLC. All rights reserved.
11
Doc. No. MD-3018 Rev. F
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
ORDERING PART NUMBER
Package
Parts per Tube
Parts Per Reel
Reel Size (inch)
CAT1232LPL-G
8-lead, PDIP
50
CAT1232LPV-GT3
8-lead, SOIC
3,000
13
CAT1232LPZ-GT3
8-lead, MSOP
3,000
13
CAT1232LPW-T2
16-lead, SOIC
2,000
13
CAT1832L-G
8-lead, PDIP
50
CAT1832V-GT3
8-lead, SOIC
3,000
13
CAT1832Z-GT3
8-lead, MSOP
3,000
13
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT1232LPV-GT3 (SOIC 8-Lead, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
(5) The SOIC 16-Lead package is only available in Matte-Tin finish.
Prefix
Device #
Suffix
CAT
1232LP
V
– G
T3
Company ID
Package
L: PDIP
V: SOIC 8-Lead
W: SOIC 16-Lead
(5)
Z: MSOP
Product Number
1232LP
1832
Tape & Reel
T: Tape & Reel
2: 2,000/Reel
3: 3,000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu


유사한 부품 번호 - CAT1832V-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1832V-GT3 CATALYST-CAT1832V-GT3 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

유사한 설명 - CAT1832V-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Renesas Technology Corp
M62050P RENESAS-M62050P Datasheet
150Kb / 12P
   3 V Supply System Reset with Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com