전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD150NH02L-1 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STD150NH02L-1
상세설명  N-channel 24V- 0.003廓 - 150A - ClipPAK??- IPAK STripFET??IlI Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD150NH02L-1 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STD150NH02L-1 Datasheet HTML 7Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 8Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 9Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 10Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 11Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 12Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 13Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 14Page - STMicroelectronics STD150NH02L-1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD150NH02L
Package mechanical data
11/16


유사한 부품 번호 - STD150NH02L-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
More results

유사한 설명 - STD150NH02L-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD150NH02L STMICROELECTRONICS-STD150NH02L Datasheet
186Kb / 9P
   N-CHANNEL 24V - 0.003 ohm - 150A ClipPAK??IPAK STripFET??III POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com