전자부품 데이터시트 검색엔진 |
|
FCA-210-BY3 데이터시트(PDF) 4 Page - Tyco Electronics |
|
FCA-210-BY3 데이터시트(HTML) 4 Page - Tyco Electronics |
4 / 4 page 11 HOW TO ORDER (EXAMPLE) RELAY TYPE TERMINALS (Socket Pins, DC Coil) ENCLOSURE (With Flanges) COIL (28 VDC With Transient Suppression). NOTE: Only DC coil models are QPL Approved NOTE: Polarity must be observed with DC coil supply. Relay is polarized with a permanent magnet and will not operate or be damaged by reverse polarity. Diodes used in transient suppression and in AC rectifier circuits have peak inverse voltage rating of 600 VDC minimum. Zener diodes have a minimum rating of 1 watt. Terminal designations are for reference only and do not appear on the header. A2 A3 A1 .200 (5.08) .100 (2.54) .200 (5.08) TERMINAL WIRING DC COILS WITH TRANSIENT SUPPRESSION DC COILS BLUE BEAD + 2 1 X1 X2 - + POLARIZING PIN A B 3 BLUE BEAD 2 1 X1 X2 POLARIZING PIN 3 B A BLUE BEAD 2 1 X1 POLARIZING PIN B A 3 AC BLUE BEAD + 2 1 - + X1 X2 POLARIZING PIN A B 3 AC COILS 115 VAC AC COILS 28 VAC AC .600 (15.24) .400 (10.16) .100 (2.54) .100 (2.54) B A +X1 -X2 TERMINAL LAYOUT X2 FCA-210-A Y 4 FCA-215- FCA-210 10 AMPERES, DPDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays |
유사한 부품 번호 - FCA-210-BY3 |
|
유사한 설명 - FCA-210-BY3 |