전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2595DSADJG 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 LM2595DSADJG
상세설명  1.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595DSADJG 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button LM2595DSADJG Datasheet HTML 6Page - ON Semiconductor LM2595DSADJG Datasheet HTML 7Page - ON Semiconductor LM2595DSADJG Datasheet HTML 8Page - ON Semiconductor LM2595DSADJG Datasheet HTML 9Page - ON Semiconductor LM2595DSADJG Datasheet HTML 10Page - ON Semiconductor LM2595DSADJG Datasheet HTML 11Page - ON Semiconductor LM2595DSADJG Datasheet HTML 12Page - ON Semiconductor LM2595DSADJG Datasheet HTML 13Page - ON Semiconductor LM2595DSADJG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM2595
http://onsemi.com
10
PROCEDURE (ADJUSTABLE OUTPUT VERSION: LM2595) (CONTINUED)
Procedure
Example
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor Volt x
microsecond [V x ms] constant:
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 19. This E x T constant is a
measure of the energy handling capability of an inductor and
is dependent upon the type of core, the core area, the
number of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected by
the E x T value and the maximum load current value on the
horizontal axis shown in Figure 19.
D. Select an appropriate inductor from Table 3.
The inductor chosen must be rated for a switching
frequency of 150 kHz and for a current rating of 1.15 x ILoad.
The inductor current rating can also be determined by
calculating the inductor peak current:
where ton is the “on” time of the power switch and
E
T + VIN * VOUT * VSAT
VOUT ) VD
VIN * VSAT ) VD
1000
150 kHz
V
ms
Ip(max) + ILoad(max))
Vin *Vout ton
2L
ton +
Vout
Vin
x 1.0
fosc
4. Inductor Selection (L1)
A. Calculate E x T [V x ms] constant:
B. E x T = 19.2 [V x ms]
C. ILoad(max) = 1.0 A
Inductance Region = L30
D. Proper inductor value = 68 mH
Choose the inductor from Table 3.
E
T + 12 * 5 * 1.0
5 ) 0.5
12 * 1 ) 0.5
1000
150 kHz
V
ms
E
T + 6
5.5
11.5
6.7 V
ms
5. Output Capacitor Selection (Cout)
A. Since the LM2595 is a forward−mode switching regulator
with voltage mode control, its open loop has 2−pole−1−zero
frequency characteristic. The loop stability is determined by
the output capacitor (capacitance, ESR) and inductance
values.
For stable operation use recommended values of the output
capacitors in Table 1.
Low ESR electrolytic capacitors between 180 mF and
1000 mF provide best results.
B. The capacitors voltage rating should be at least 1.5 times
greater than the output voltage, and often much higher
voltage rating is needed to satisfy low ESR requirement
5. Output Capacitor Selection (Cout)
A. In this example, it is recommended to use a Nichicon PM
capacitor: 220 mF/25 V
6. Feedforward Capacitor (CFF)
It provides additional loop stability mainly for higher input voltages.
For Cff selection use Table 1. The compensation capacitor between
0.6 nF and 15 nF is wired in parallel with the output voltage setting
resistor R2, The capacitor type can be ceramic, plastic, etc..
6. Feedforward Capacitor (CFF)
In this example, it is recommended to use a feedforward
capacitor 4.7 nF.


유사한 부품 번호 - LM2595DSADJG

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595 UMW-LM2595 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
More results

유사한 설명 - LM2595DSADJG

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com