전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744232222 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744232222
상세설명  SMD common mode noise suppressor WE-CNSW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744232222 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744232222 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232222 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744232222 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
1,90 ± 0,1
mm
B
4,00 ± 0,1
mm
C
1,50 ± 0,05
mm
D
2,00 ± 0,1
mm
E
1,75 ± 0,1
mm
F
3,50 ± 0,1
mm
G
2,10 ± 0,1
mm
H
3,50 ± 0,1
mm
W
8,00 ± 0,1
mm
T
0,23 ± 0,05
mm
Rollenspezifikation / Reel Specification:
a
178,0 ± 0,1
mm
b
21,00 ± 0,1
mm
c
50,00 ± 0,1
mm
d
10,00 ± 0,1
mm
The force of tearing off cover tape
is 0,2 to 0,7 N in arrow direction.
MST
Version 3
04-10-11
SST
Version 2
04-02-17
MST
Version 1
03-11-25
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
SMD common mode noise suppressor WE-CNSW
DATUM / DATE : 2004-10-11
I Rollenspezifikation / tape and reel specifications:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
744232222
Artikelnummer / part number :
SMD Stromkomp. Datenleitungsfilter WE-CNSW
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
A
B
ØC
D
E
F
W
H
G
T
Ø b
a
c
d
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
LF
SEITE 3 VON 3


유사한 부품 번호 - 744232222

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744232261 WURTH-744232261 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results

유사한 설명 - 744232222

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744232261 WURTH-744232261 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232102 WURTH-744232102 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231061 WURTH-744231061 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231091 WURTH-744231091 Datasheet
201Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231181 WURTH-744231181 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232601 WURTH-744232601 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231371 WURTH-744231371 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232090 WURTH-744232090 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231121 WURTH-744231121 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231261 WURTH-744231261 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com