전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP196BFAG 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 MC100EP196BFAG
상세설명  3.3 V ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196BFAG 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button MC100EP196BFAG Datasheet HTML 7Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 8Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 9Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 10Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 11Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 12Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 13Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 14Page - ON Semiconductor MC100EP196BFAG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC100EP196B
http://onsemi.com
11
Figure 5. AC Reference Measurement
IN
IN
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)
Using the FTUNE Analog Input
The analog FTUNE pin on the EP196 device is intended
to add more delay in a tunable gate to enhance the 10 ps
resolution capabilities of the fully digital EP196. The level
of resolution obtained is dependent on the voltage applied to
the FTUNE pin.
To provide this further level of resolution, the FTUNE pin
must be capable of adjusting the additional delay finer than
the 10 ps digital resolution (See Logic Diagram). This
requirement is easily achieved because a 60 ps additional
delay can be obtained over the entire FTUNE voltage range
(See Figure 6). This extra analog range ensures that the
FTUNE pin will be capable even under worst case
conditions of covering a digital resolution. Typically, the
analog input will be driven by an external DAC to provide
a digital control with very fine analog output steps. The final
resolution of the device will be dependent on the width of the
DAC chosen.
To determine the voltage range necessary for the FTUNE
input, Figure 6 should be used. There are numerous voltage
ranges which can be used to cover a given delay range; users
are given the flexibility to determine which one best fits their
designs.
Figure 6. Typical EP196B Delay versus FTUNE Voltage
FTUNE VOLTAGE (V)
−3.3 −2.97 −2.64 −2.31 −1.98 −1.65 −1.32 −0.99 −0.66 −0.33 0
90
80
70
60
50
40
30
20
10
0
−10
−40°C
85°C
25°C
VCC = 0 V
VEE = −3.3 V
VCC
VEE
Cascading Multiple EP196Bs
To increase the programmable range of the EP196B,
internal cascade circuitry has been included. This circuitry
allows for the cascading of multiple EP196Bs without the
need for any external gating. Furthermore, this capability
requires only one more address line per added EP196B.
Obviously, cascading multiple programmable delay chips
will result in a larger programmable range: however, this
increase is at the expense of a longer minimum delay.
Figure 7 illustrates the interconnect scheme for cascading
two EP196Bs. As can be seen, this scheme can easily be
expanded for larger EP196B chains. The D10 input of the
EP196B is the CASCADE control pin. With the
interconnect scheme of Figure 7 when D10 is asserted, it
signals the need for a larger programmable range than is
achievable with a single device and switches output pin
CASCADE HIGH and pin CASCADE LOW. The A11
address can be added to generate a cascade output for the
next EP196B. For a 2−device configuration, A11 is not
required.


유사한 부품 번호 - MC100EP196BFAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
More results

유사한 설명 - MC100EP196BFAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com