전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2015D1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2015D1
상세설명  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1 데이터시트(HTML) 5 Page - Texas Instruments

  TPA2015D1 Datasheet HTML 1Page - Texas Instruments TPA2015D1 Datasheet HTML 2Page - Texas Instruments TPA2015D1 Datasheet HTML 3Page - Texas Instruments TPA2015D1 Datasheet HTML 4Page - Texas Instruments TPA2015D1 Datasheet HTML 5Page - Texas Instruments TPA2015D1 Datasheet HTML 6Page - Texas Instruments TPA2015D1 Datasheet HTML 7Page - Texas Instruments TPA2015D1 Datasheet HTML 8Page - Texas Instruments TPA2015D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPA2015D1
www.ti.com
SLOS638 – MAY 2010
ELECTRICAL CHARACTERISTICS (continued)
VBAT= 3.6 V, Gain = 6 dB, RAGC = Float, TA = 25°C, RL = 8 Ω + 33 mH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AGC with no inflection point, RAGC = Open
2
AGC option 1 (inflection = 3.55 V), RAGC = 39 kΩ (±5%)
1.36
1.75
AGC control pin voltage
V
AGC option 2 (inflection = 3.78 V) , RAGC = 27 kΩ (±5%)
0.94
1.2
AGC option 3 (inflection = 3.96 V) , RAGC = 18 kΩ (±5%)
0
0.825
AGC control pin output
37.6
40
42.4
mA
current
Input common-mode
IN+, IN–
0.6
1.3
V
voltage range
Boost converter followed by Class-D amplifier
6
10
Start-up time
Boost converter only
1
4
ms
Class-D amplifier only
5
6
OPERATING CHARACTERISTICS
VBAT= 3.6 V, TA = 25°C, RL = 8 Ω + 33 mH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
Boost converter output voltage range,
IBOOST = 700 mA
5.2
5.8
V
PVOUT
Boost converter input current limit
Power supply current
1500
mA
IL
Boost converter start-up current limit
450
mA
h
Boost converter efficiency
END = 0 V, IPVOUT = 100 mA constant
88%
fBOOST
Boost converter frequency
1.2
MHz
CLASS-D AMPLIFIER
THD = 1%, VBAT = 2.5 V, f = 1 kHz
1200
PO
Output power
THD = 1%, VBAT = 3 V, f = 1 kHz
1500
mW
THD = 1%, VBAT = 3.6 V, f = 1 kHz
1700
THD = 1%, VBAT = 3 V, f = 1 kHz,
VO
Output peak voltage
5.2
V
6 dB crest factor sine burst, no clipping
GAIN < 0.25 × VBAT
6
AV
Closed-loop voltage gain
0.4 × VBAT < GAIN < 0.6 × VBAT (or float)
15.5
dB
GAIN > 0.75 × VBAT
20
ΔAV
Gain accuracy
–0.5
0.5
dB
VOOS
Output offset voltage
10
mV
AV = 6 dB
27.8
Input impedance (per input pin)
AV = 15.5 dB
14.9
k
RIN
AV = 20 dB
10.1
Input impedance in shutdown (per input
END = 0 V
88.4
k
pin)
ZO
Output impedance in shutdown
END = 0 V
2
k
fCLASS-D
Switching frequency
560
600
640
kHz
A-weighted, GAIN = 6 dB
24.8
EN
Noise output voltage
A-weighted, GAIN = 15.5 dB
33.4
mVRMS
A-weighted, GAIN = 20 dB
42.4
PO = 100 mW, f = 1 kHz
0.06%
THD+N
Total harmonic distortion plus noise(1)
PO = 500 mW, f = 1 kHz
0.07%
200 mVPP ripple, f = 217 Hz
75
AC-Power supply ripple rejection (output
AC PSRR
dB
referred)
200 mVPP ripple, f = 4 kHz
70
(1)
A-weighted
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2015D1


유사한 부품 번호 - TPA2015D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

유사한 설명 - TPA2015D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com