전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4007G-1 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 1N4007G-1
상세설명  GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4007G-1 데이터시트(HTML) 1 Page - Gulf Semiconductor

  1N4007G-1 Datasheet HTML 1Page - Gulf Semiconductor 1N4007G-1 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4007G-1
GLASS PASSIVATED
JUNCTION RECTIFIER
VOLTAGE: 1000V
CURRENT: 1.0A
FEATURE
DO – 41\DO – 204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
1N4007G-1
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1000
V
Maximum RMS Voltage
Vrms
700
V
Maximum DC blocking Voltage
Vdc
1000
V
Maximum Average Forward Rectified
Current 3/8
" lead length at Ta =75°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.1
V
Maximum full load reverse current
full cycle at TL =75°C
Ir(av)
30.0
µ
A
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
50.0
µ
A
Reverse Recovery Time Range
(Note 1)
Trr
900~1300
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50.0
°C /W
Storage and Operation Junction Temperature
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375" lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com


유사한 부품 번호 - 1N4007G-1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N4007G-A DIODES-1N4007G-A Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
1N4007G-B DIODES-1N4007G-B Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
1N4007G-K TSC-1N4007G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
logo
Frontier Electronics.
1N4007G-LFR FRONTIER-1N4007G-LFR Datasheet
121Kb / 2P
   A GENERAL PURPOSE GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4007G-T DIODES-1N4007G-T Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
More results

유사한 설명 - 1N4007G-1

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1G1 GULFSEMI-1G1 Datasheet
638Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A
1U1G GULFSEMI-1U1G Datasheet
88Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
EG1ME GULFSEMI-EG1ME Datasheet
130Kb / 2P
   Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:1000V CURRENT: 1.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com