전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4005GP 데이터시트(PDF) 2 Page - Gulf Semiconductor

부품명 1N4005GP
상세설명  SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4005GP 데이터시트(HTML) 2 Page - Gulf Semiconductor

  1N4005GP Datasheet HTML 1Page - Gulf Semiconductor 1N4005GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4001GP THRU 1N4007GP
1
1 Rev.A4
www.gulfsemi.com


유사한 부품 번호 - 1N4005GP

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4005GP GE-1N4005GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4005GP DIOTEC-1N4005GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Micro Commercial Compon...
1N4005GP MCC-1N4005GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
1N4005GP MCC-1N4005GP Datasheet
560Kb / 4P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Taiwan Semiconductor Co...
1N4005GP TSC-1N4005GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

유사한 설명 - 1N4005GP

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com