전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4936 데이터시트(PDF) 2 Page - Gulf Semiconductor

부품명 1N4936
상세설명  FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4936 데이터시트(HTML) 2 Page - Gulf Semiconductor

  1N4936 Datasheet HTML 1Page - Gulf Semiconductor 1N4936 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4933 THRU 1N4937
2
2 Rev.A4
www.gulfsemi.com


유사한 부품 번호 - 1N4936

제조업체부품명데이터시트상세설명
logo
Semikron International
1N4936 SEMIKRON-1N4936 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Motorola, Inc
1N4936 MOTOROLA-1N4936 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Continental Device Indi...
1N4936 CDIL-1N4936 Datasheet
253Kb / 5P
   FAST RECOVERY RECTIFIERS
logo
Jinan Jingheng (Group) ...
1N4936 JINANJINGHENG-1N4936 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Dc Components
1N4936 DCCOM-1N4936 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

유사한 설명 - 1N4936

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
EU2JP GULFSEMI-EU2JP Datasheet
82Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:1.0A
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Gulf Semiconductor
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com