전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1705_1007 데이터시트(PDF) 2 Page - Texas Instruments

부품명 AM1705_1007
상세설명  AM1705 ARM Microprocessor
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM1705_1007 데이터시트(HTML) 2 Page - Texas Instruments

  AM1705_1007 Datasheet HTML 1Page - Texas Instruments AM1705_1007 Datasheet HTML 2Page - Texas Instruments AM1705_1007 Datasheet HTML 3Page - Texas Instruments AM1705_1007 Datasheet HTML 4Page - Texas Instruments AM1705_1007 Datasheet HTML 5Page - Texas Instruments AM1705_1007 Datasheet HTML 6Page - Texas Instruments AM1705_1007 Datasheet HTML 7Page - Texas Instruments AM1705_1007 Datasheet HTML 8Page - Texas Instruments AM1705_1007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
– 6 Single Edge, 6 Dual Edge Symmetric or 3
ISOC) Rx and Tx
Dual Edge Asymmetric Outputs
• Two Multichannel Audio Serial Ports:
– Dead-Band Generation
– Transmit/Receive Clocks up to 50 MHz
– PWM Chopping by High-Frequency Carrier
– Six Clock Zones and 28 Serial Data Pins
– Trip Zone Input
– Supports TDM, I2S, and Similar Formats
• Three 32-Bit Enhanced Capture Modules
(eCAP):
– FIFO buffers for Transmit and Receive
– Configurable as 3 Capture Inputs or 3
• 10/100 Mb/s Ethernet MAC (EMAC):
Auxiliary Pulse Width Modulator (APWM)
– IEEE 802.3 Compliant (3.3-V I/O Only)
outputs
– RMII Media Independent Interface
– Single Shot Capture of up to Four Event
– Management Data I/O (MDIO) Module
Time-Stamps
• One 64-Bit General-Purpose Timer
• Two 32-Bit Enhanced Quadrature Encoder
(Configurable as Two 32-Bit Timers)
Pulse Modules (eQEP)
• One 64-bit General-Purpose/Watchdog Timer
• 176-pin PowerPADTM Plastic Quad Flat Pack
(Configurable as Two 32-bit General-Purpose
[PTP suffix], 0.5-mm Pin Pitch
Timers)
• Commercial, Industrial, or Extended
• Three Enhanced Pulse Width Modulators
Temperature
(eHRPWM):
• Community Resources
– Dedicated 16-Bit Time-Base Counter With
– TI E2E Community
Period And Frequency Control
– TI Embedded Processors Wiki
2
AM1705 ARM Microprocessor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705


유사한 부품 번호 - AM1705_1007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
More results

유사한 설명 - AM1705_1007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com