전자부품 데이터시트 검색엔진 |
|
CD74HC4094MG4 데이터시트(PDF) 7 Page - Texas Instruments |
|
CD74HC4094MG4 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 19 page 7 Output Enable to Qn tPZH, tPZL CL = 50pF 2 - - 175 - 220 - 265 ns 4.5 - - 35 - 44 - 53 ns 6 - - 30 - 37 - 45 ns Output Disable to Qn tPHZ, tPLZ CL = 50pF 2 - - 125 - 155 - 190 ns 4.5 - - 25 - 31 - 38 ns 6 - - 21 - 26 - 32 ns Output Transition Time tTLH,tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Output Disabling Time tPHZ, tPLZ CL =15pF 5 - 10 - - - - - ns Maximum CP Frequency fMAX CL =15pF 5 - 60 - - - - - MHz Input Capacitance CIN CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD CL =15pF 5 - 90 - - - - - pF Three-State Output Capacitance CO CL = 50pF - - - 15 - 15 - 15 pF HCT TYPES Propagation Delay Time (Figure 1) tPLH, tPHL CL = 50pF 4.5 - - 39 - - - - ns CP to QS1 CL =15pF 5 - 16 - - - - - ns CP to QS2 tPLH, tPHL CL = 50pF 4.5 - - 36 - - - - ns CL =15pF 5 - 15 - - - - - ns CP to Qn tPLH, tPHL CL = 50pF 4.5 - - 43 - - - - ns CL =15pF 5 - 18 - - - - - ns STR to Qn tPLH, tPHL CL = 50pF 4.5 - - 39 - - - - ns Output Enable to Qn tPZH, tPZL CL = 50pF 4.5 - - 35 - - - - ns Output Disable to Qn tPHZ, tPLZ CL = 50pF 4.5 - - 35 - - - - ns Output Transition Time tTLH,tTHL CL = 50pF 4.5 - - 15 - - - - ns Output Disabling Time tPHZ, tPLZ CL =15pF 5 - 14 - - - - - ns Maximum CP Frequency fMAX CL =15pF 5 - 60 - - - - - MHz Input Capacitance CIN CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD CL =15pF 5 - 110 - - - - - pF Three-State Output Capacitance CO CL = 50pF - - - 15 - 15 - 15 pF NOTES: 4. CPD is used to determine the dynamic power consumption, per register. 5. PD = VCC 2 f i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54HC4094, CD74HC4094, CD74HCT4094 |
유사한 부품 번호 - CD74HC4094MG4 |
|
유사한 설명 - CD74HC4094MG4 |