전자부품 데이터시트 검색엔진 |
|
SN74AUP1G99DCUR 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
SN74AUP1G99DCUR 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 24 page www.ti.com Switching Characteristics SN74AUP1G99 LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS SCES594C – JULY 2004 – REVISED DECEMBER 2007 over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85 °C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 36 1.2 V ± 0.1 V 0.4 10.7 21.1 0.7 29.8 1.5 V ± 0.1 V 2 7.2 12.6 1.1 18.5 tpd A, B, C, or D Y ns 1.8 V ± 0.15 V 2.3 5.8 9.5 1.5 14.5 2.5 V ± 0.2 V 2.5 4.4 6.3 1.7 10.5 3.3 V ± 0.3 V 2.3 3.7 5.2 1.5 8.4 0.8 V 0 1.2 V ± 0.1 V 1.4 12.1 22.8 0.8 29.3 1.5 V ± 0.1 V 2.8 8 13.3 2 18.7 ten OE Y ns 1.8 V ± 0.15 V 2.5 6.2 10 1.6 14.8 2.5 V ± 0.2 V 2.5 4.5 6.7 1.6 9.9 3.3 V ± 0.3 V 2.3 3.8 5.4 1.5 8.2 0.8 V 0 1.2 V ± 0.1 V 2 5.6 9.3 2 10 1.5 V ± 0.1 V 2.5 4.1 5.8 2.4 7.6 tdis OE Y ns 1.8 V ± 0.15 V 2.9 4.2 5.7 2.7 7.9 2.5 V ± 0.2 V 1.1 2.7 4.4 1.1 5.5 3.3 V ± 0.3 V 1.9 3.5 5.2 1.9 5.8 Copyright © 2004–2007, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): SN74AUP1G99 |
유사한 부품 번호 - SN74AUP1G99DCUR |
|
유사한 설명 - SN74AUP1G99DCUR |