전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G240DBVRG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74AUP1G240DBVRG4
상세설명  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G240DBVRG4 데이터시트(HTML) 2 Page - Texas Instruments

  74AUP1G240DBVRG4 Datasheet HTML 1Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 2Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 3Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 4Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 5Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 6Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 7Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 8Page - Texas Instruments 74AUP1G240DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
( A)
m
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates.
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time-ns
AUP1G08dataatCL =15pF.
Output
Input
SwitchingCharacteristics
at25MHz
A
Y
OE
1
2
4
SN74AUP1G240
SCES627C – MARCH 2005 – REVISED MAY 2010
www.ti.com
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
This buffer/driver is a single line driver with a 3-state output. The output is disabled when the output-enable (OE)
input is high. This device has the input-disable feature, which allows floating input signals.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING(3)
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G240YFPR
_ _ _HK_
0.23-mm large bump – YFP
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G240YZPR
_ _ _HK_
0.23-mm large bump – YZP (Pb-free)
–40°C to 85°C
QFN – DRY
Reel of 5000
SN74AUP1G240DRYR
HK
uQFN – DSF
Reel of 5000
SN74AUP1G240DSFR
HK
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G240DBVR
H40_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G240DCKR
HK_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
OE
A
L
H
L
L
L
H
H
X(1)
Z
(1)
Floating inputs allowed.
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G240


유사한 부품 번호 - 74AUP1G240DBVRG4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP1G240GF PHILIPS-74AUP1G240GF Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240GF NXP-74AUP1G240GF Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
More results

유사한 설명 - 74AUP1G240DBVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com