전자부품 데이터시트 검색엔진 |
|
1N5221 데이터시트(PDF) 1 Page - Micro Commercial Components |
|
1N5221 데이터시트(HTML) 1 Page - Micro Commercial Components |
1 / 5 page 1N5221 THRU 1N5267 500 mW Zener Diode 2.4 to 75 Volts DO-35 Features • Wide Voltage Range Available • Glass Package • High Temp Soldering: 260°C for 10 Seconds At Terminals Maximum Ratings • Operating Temperature: -55°C to +150°C • Storage Temperature: -55°C to +150°C • 500 mWatt DC Power Dissipation • Power Derating: 4.0mW/°C above 50°C • Forward Voltage @ 200mA: 1.1 Volts DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A --- .166 --- 4.2 B --- .079 --- 2.00 C --- .020 --- .52 D 1.000 --- 25.40 --- Figure 2 - Derating Curve Power Dissipation (mW) - Versus - Temperature °C Temperature °C 0 50 100 150 mW 200 400 A B C D D Cathode Mark Typical Capacitance (pf) – versus – Zener voltage (VZ) Figure 1 - Typical Capacitance 0 100 200 1 10 100 pf VZ At zero volts At –2 Volts VR omponents 20736 Marilla Street Chatsworth !"# $% !"# M C C Revision: 7 2009/01/19 TM Micro Commercial Components • Marking : Cathode band and type number www.mccsemi.com 1 of 5 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) • Moisture Sensitivity: Level 1 per J-STD-020C Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5. |
유사한 부품 번호 - 1N5221 |
|
유사한 설명 - 1N5221 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |