전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB26-A 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 SB26-A
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB26-A 데이터시트(HTML) 1 Page - Gulf Semiconductor

  SB26-A Datasheet HTML 1Page - Gulf Semiconductor SB26-A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A6
www.gulfsemi.com.cn
SB22-A THRU SB26-A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
VOLTAGE:20 TO 60V
CURRENT: 2.0A
FEATURE
SMA/DO--214AC
Plastic package has Underwriters Laboratory Flammability Classification
94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage high frequency inverters, free wheeling, and polarity
protection applications
Guard ring for over voltage protection
High temperature soldering guaranteed:
250
ºC /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC SMA/DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounce, 0.064 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
ºC, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SB
22-A
SB
23-A
SB
24-A
SB
25-A
SB
26-A
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8”lead length at TL =100ºC
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage at
rated Forward current
(Note 1)
Vf
0.5
0.7
V
Maximum DC Reverse Current
Ta =25
ºC
at rated DC blocking voltage
Ta =100
ºC
Ir
0.5
mA
20.0
10.0
Typical Thermal Resistance
(Note 2)
Rth(ja)
75.0
ºC /W
Operating junction temperature range
Tj
-55 to +125
ºC
Storage Temperature range
Tstg
-55 to +150
ºC
NOTE:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2inches(5.0 x 5.0mm) copper pad areas


유사한 부품 번호 - SB26-A

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB26 GULFSEMI-SB26 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB26 GULFSEMI-SB26 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
logo
Nantong Hornby Electron...
SB260 HORNBY-SB260 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB260 VISHAY-SB260 Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
SUNMATE electronic Co.,...
SB260 SUNMATE-SB260 Datasheet
95Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
More results

유사한 설명 - SB26-A

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB26S GULFSEMI-SB26S Datasheet
126Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB210 GULFSEMI-SB210 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB260A GULFSEMI-SB260A Datasheet
366Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB260S GULFSEMI-SB260S Datasheet
386Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com