전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LV4052AN 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LV4052AN
상세설명  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4052AN 데이터시트(HTML) 4 Page - Texas Instruments

  SN74LV4052AN Datasheet HTML 1Page - Texas Instruments SN74LV4052AN Datasheet HTML 2Page - Texas Instruments SN74LV4052AN Datasheet HTML 3Page - Texas Instruments SN74LV4052AN Datasheet HTML 4Page - Texas Instruments SN74LV4052AN Datasheet HTML 5Page - Texas Instruments SN74LV4052AN Datasheet HTML 6Page - Texas Instruments SN74LV4052AN Datasheet HTML 7Page - Texas Instruments SN74LV4052AN Datasheet HTML 8Page - Texas Instruments SN74LV4052AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54LV4052A
SN74LV4052A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IT = 2 mA,
2.3 V
43
180
225
225
ron
On-state
switch resistance
T
,
VI = VCC or GND,
VINH =VIL
3 V
34
150
190
190
Ω
on
switch resistance
VINH = VIL
(see Figure 1)
4.5 V
25
75
100
100
Pk
IT = 2 mA,
2.3 V
133
500
600
600
ron(p)
Peak
on-state resistance
IT = 2 mA,
VI = VCC to GND,
3 V
63
180
225
225
Ω
ron(p)
on-state resistance
VI
VCC to GND,
VINH = VIL
4.5 V
35
100
125
125
Ω
Difference in
IT = 2 mA,
2.3 V
1.5
30
40
40
Δron
Difference in
on-state resistance
IT = 2 mA,
VI = VCC to GND,
3 V
1.1
20
30
30
Ω
Δron
on state resistance
between switches
VI
VCC to GND,
VINH = VIL
4.5 V
0.7
15
20
20
Ω
II
Control input current
VI = 5.5 V or GND
0 to
5.5 V
±0.1
±1
±1
μA
IS(off)
Off-state switch
leakage current
VI = VCC and VO = GND, or
VI = GND and VO = VCC,
VINH = VIH
(see Figure 2)
5.5 V
±0.1
±1
±1
μA
IS(on)
On-state switch
leakage current
VI = VCC or GND,
VINH = VIL
(see Figure 3)
5.5 V
±0.1
±1
±1
μA
ICC
Supply current
VI = VCC or GND
5.5 V
20
20
μA
CIC
Control input
capacitance
f = 10 MHz
3.3 V
2.1
pF
CIS
Common terminal
capacitance
3.3 V
13.1
pF
COS
Switch terminal
capacitance
3.3 V
5.6
pF
CF
Feedthrough
capacitance
3.3 V
0.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74LV4052AN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LV4052AN TI-SN74LV4052AN Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AN TI-SN74LV4052AN Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AN TI-SN74LV4052AN Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AN TI-SN74LV4052AN Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052ANE4 TI-SN74LV4052ANE4 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

유사한 설명 - SN74LV4052AN

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com