전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB360Q 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 SB360Q
상세설명  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB360Q 데이터시트(HTML) 1 Page - Gulf Semiconductor

  SB360Q Datasheet HTML 1Page - Gulf Semiconductor SB360Q Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB360Q
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 60V
CURRENT: 3.0A
FEATURE
DO-15\ DO-204AC
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Weight: 0.4g
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB360Q
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
60
V
Maximum RMS Voltage
Vrms
42
V
Maximum DC blocking Voltage
Vdc
60
V
Maximum Average Forward Rectified
Current 3/8" lead length
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
100
A
Maximum Forward Voltage at 3.0A DC
Vf
0.62
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =100°C
Ir
150
uA
mA
15.0
Typical Junction Capacitance
(Note 1)
Cj
150.0
pF
Non-repetitive peak reverse avalanche energy
EARM
6
mJ
Typical Thermal Resistance
(Note 2)
R(ja)
35.0
°C /W
Storage and Operating Junction Temperature
Tj
-65 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1 Rev.A1
www.gulfsemi.com


유사한 부품 번호 - SB360Q

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
logo
Pan Jit International I...
SB360 PANJIT-SB360 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Nanjing International G...
SB360 DGNJDZ-SB360 Datasheet
281Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB360 CYSTEKEC-SB360 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
45Kb / 3P
   Schottky Rectifiers
More results

유사한 설명 - SB360Q

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Gulf Semiconductor
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
Gulf Semiconductor
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
SB260S GULFSEMI-SB260S Datasheet
386Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com